Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8T39210NLGI Datasheet (PDF) - Renesas Technology Corp

8T39210NLGI Datasheet PDF - Renesas Technology Corp
Part # 8T39210NLGI
Download  8T39210NLGI Download
File Size   1059.84 Kbytes
Page   42 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Crystal or Differential-to-Differential Clock Fanout Buffer

8T39210NLGI Datasheet (PDF)

Go To PDF Page Download Datasheet
8T39210NLGI Datasheet PDF - Renesas Technology Corp

Part # 8T39210NLGI
Download  8T39210NLGI Click to download

File Size   1059.84 Kbytes
Page   42 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Crystal or Differential-to-Differential Clock Fanout Buffer

8T39210NLGI Datasheet (HTML) - Renesas Technology Corp


8T39210NLGI Product details

▪ Two differential reference clock input pairs
▪ Differential input pairs can accept the following differential
input levels: LVPECL, LVDS, HCSL, HSTL, or Single ended
▪ Crystal Input accepts 10MHz to 40MHz Crystal or
Single-ended Clock
▪ Maximum Output Frequency
• LVPECL - 1.5GHz
• LVDS - 1.5GHz
• HCSL - 750MHz
• LVCMOS - 250MHz
▪ Two banks, each has five differential output pairs that can be
configured as LVPECL, LVDS, or HCSL
▪ One single-ended reference output with synchronous enable to
avoid clock glitch
▪ Output skew: 81ps (maximum)
(Bank A and Bank B at the same output level)
▪ Part-to-part skew: 200ps (typical)
▪ Additive RMS phase jitter at 156.25MHz:
37.6fs RMS (12kHz - 20MHz), typical at 3.3V/3.3V
▪ Supply voltage modes:
• VDD/VDDO
• 3.3V/3.3V
• 3.3V/2.5V
• 2.5V/2.5V
▪ -40°C to 85°C ambient operating temperature
▪ Lead-free (RoHS 6) packaging




Similar Part No. - 8T39210NLGI

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
8T39210NLGI RENESAS-8T39210NLGI Datasheet
1Mb / 43P
Crystal or Differential-to-Differential Clock Fanout Buffer
February 2, 2023
8T39210NLGI8 RENESAS-8T39210NLGI8 Datasheet
1Mb / 43P
Crystal or Differential-to-Differential Clock Fanout Buffer
February 2, 2023
More results


Similar Description - 8T39210NLGI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
8T39S04A IDT-8T39S04A Datasheet
807Kb / 36P
Crystal or Differential to Differential Clock Fanout Buffer
8T39S06A IDT-8T39S06A Datasheet
843Kb / 39P
Crystal or Differential to Differential Clock Fanout Buffer
8T39S08A IDT-8T39S08A Datasheet
845Kb / 39P
Crystal or Differential-to-Differential Clock Fanout Buffer
8T39S11A IDT-8T39S11A Datasheet
927Kb / 37P
Crystal or Differential-to-Differential Clock Fanout Buffer
logo
Renesas Technology Corp
8T39204 RENESAS-8T39204 Datasheet
1Mb / 41P
Crystal or Differential to Differential Clock Fanout Buffer
February 2, 2023
8T39210 RENESAS-8T39210 Datasheet
1Mb / 43P
Crystal or Differential-to-Differential Clock Fanout Buffer
February 2, 2023
8T39S04A RENESAS-8T39S04A Datasheet
1Mb / 36P
Crystal or Differential to Differential Clock Fanout Buffer
July 24, 2019
8T39S06A RENESAS-8T39S06A Datasheet
1Mb / 40P
Crystal or Differential to Differential Clock Fanout Buffer
May 20, 2016
8T39S08A RENESAS-8T39S08A Datasheet
1Mb / 40P
Crystal or Differential-to-Differential Clock Fanout Buffer
May 19, 2016
IDT8T39S10I RENESAS-IDT8T39S10I Datasheet
1Mb / 44P
Crystal or Differential to Differential Clock Fanout Buffer
2019
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com