Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LR-T68F Datasheet (PDF) - ams-OSRAM AG

LR-T68F Datasheet PDF - ams-OSRAM AG
Part # LR-T68F
Download  LR-T68F Download
File Size   1781.64 Kbytes
Page   21 Pages
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG
Description TOPLED™ Black Surface

LR-T68F Datasheet (PDF)

Go To PDF Page Download Datasheet
LR-T68F Datasheet PDF - ams-OSRAM AG

Part # LR-T68F
Download  LR-T68F Click to download

File Size   1781.64 Kbytes
Page   21 Pages
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG
Description TOPLED™ Black Surface

LR-T68F Datasheet (HTML) - ams-OSRAM AG


LR-T68F Product details

Applications
- Projection & Display
Features
- Package: white PLCC-2 package, colorless resin
- Chip technology: Thinfilm
- Typ. Radiation: 120° (Lambertian emitter)
- Color: λdom = 625 nm (● red)
- Corrosion Robustness Class: 1B
- ESD: 2 kV acc. to ANSI/ESDA/JEDEC JS-001 (HBM)





Similar Part No. - LR-T68F

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LR-T68F OSRAM-LR-T68F Datasheet
545Kb / 22P
white PLCC-2 package, colorless resin
LR-T68F-U1AA-1-1-Z OSRAM-LR-T68F-U1AA-1-1-Z Datasheet
480Kb / 21P
TOPLED
More results


Similar Description - LR-T68F

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LBT64G OSRAM-LBT64G Datasheet
714Kb / 24P
TOPLED Black
LAT68B OSRAM-LAT68B Datasheet
523Kb / 20P
TOPLED Black Surface
LTT64G OSRAM-LTT64G Datasheet
1Mb / 24P
TOPLED Black
LTT66G OSRAM-LTT66G Datasheet
1Mb / 22P
TOPLED Black
LVT64G OSRAM-LVT64G Datasheet
2Mb / 24P
TOPLED Black
LST67B OSRAM-LST67B Datasheet
438Kb / 19P
TOPLED
LST67D OSRAM-LST67D Datasheet
756Kb / 20P
TOPLED
LST67F OSRAM-LST67F Datasheet
493Kb / 20P
TOPLED
LWTVSG.CB OSRAM-LWTVSG.CB Datasheet
724Kb / 24P
TOPLED
LCYTWTG OSRAM-LCYTWTG Datasheet
675Kb / 23P
TOPLED Black Surface
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com