Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LR-VH9F Datasheet (PDF) - ams-OSRAM AG

LR-VH9F Datasheet PDF - ams-OSRAM AG
Part # LR-VH9F
Download  LR-VH9F Download
File Size   1907.89 Kbytes
Page   23 Pages
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG
Description FIREFLY® 0402

LR-VH9F Datasheet (PDF)

Go To PDF Page Download Datasheet
LR-VH9F Datasheet PDF - ams-OSRAM AG

Part # LR-VH9F
Download  LR-VH9F Click to download

File Size   1907.89 Kbytes
Page   23 Pages
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG
Description FIREFLY® 0402

LR-VH9F Datasheet (HTML) - ams-OSRAM AG


LR-VH9F Product details

Applications
- Access Control & Security
- Appliances & Tools
- Factory Automation
- Home & Building Automation
- Projection & Display
- Robotics
Features
- Package: SMT package, standard SMT footprint 0402, colorless diffused resin
- Chip technology: Thinfilm
- Typ. Radiation: 140° (horizontal), 150° (vertical)
- Color: λdom = 625 nm (● red)
- Optical efficacy: 50 lm/W
- Corrosion Robustness Class: 3B
- ESD: 2 kV acc. to ANSI/ESDA/JEDEC JS-001 (HBM)





Similar Part No. - LR-VH9F

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LR-VH9F OSRAM-LR-VH9F Datasheet
684Kb / 21P
SMT package, standard SMT footprint 0402, colorless diffused resin
More results


Similar Description - LR-VH9F

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LWV18G OSRAM-LWV18G Datasheet
604Kb / 16P
FIREFLY White Hyper-Bright LED
logo
Wurth Elektronik GmbH &...
82557060 WURTH-82557060 Datasheet
165Kb / 5P
0402 SMD VARISTOR
82357120100 WURTH-82357120100 Datasheet
353Kb / 4P
0402 ESD Suppressor
logo
OSRAM GmbH
LWQH8G-Q2OO-3K5L-1 OSRAM-LWQH8G-Q2OO-3K5L-1 Datasheet
673Kb / 21P
SMT package 0402
LTVH9G OSRAM-LTVH9G Datasheet
694Kb / 21P
FIREFLY 0402
LRVH9F OSRAM-LRVH9F Datasheet
684Kb / 21P
FIREFLY
CTDELSS1.12 OSRAM-CTDELSS1.12 Datasheet
694Kb / 22P
FIREFLY E1608
logo
Vishay Siliconix
VLMW15 VISHAY-VLMW15_V01 Datasheet
264Kb / 8P
Ultrabright 0402 ChipLED
19-Mar-2021
VLMB150 VISHAY-VLMB150_V02 Datasheet
234Kb / 12P
Ultrabright 0402 ChipLED
19-Mar-2021
VLMW15 VISHAY-VLMW15_V02 Datasheet
263Kb / 8P
Ultrabright 0402 ChipLED
19-Mar-2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com