Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EU2DGF Datasheet (PDF) - VoltarisTech Inc

EU2DGF Datasheet PDF - VoltarisTech Inc
Part # EU2DGF
Download  EU2DGF Download
File Size   280.81 Kbytes
Page   2 Pages
Manufacturer  VOLTARISTECH [VoltarisTech Inc]
Direct Link  https://www.voltaristech.com/
Logo VOLTARISTECH - VoltarisTech Inc
Description SINTERED GLASS JUNCTION ULTRA FAST SWITCHING RECTIFIER

EU2DGF Datasheet (PDF)

Go To PDF Page Download Datasheet
EU2DGF Datasheet PDF - VoltarisTech Inc

Part # EU2DGF
Download  EU2DGF Click to download

File Size   280.81 Kbytes
Page   2 Pages
Manufacturer  VOLTARISTECH [VoltarisTech Inc]
Direct Link  https://www.voltaristech.com/
Logo VOLTARISTECH - VoltarisTech Inc
Description SINTERED GLASS JUNCTION ULTRA FAST SWITCHING RECTIFIER

EU2DGF Datasheet (HTML) - VoltarisTech Inc


EU2DGF Product details

[Features]
High temperature metallurgically bonded construction
Sintered glass cavity free junction
Capability of meeting environmental standard of
MIL-S-19500
High temperature soldering guaranteed
350°C /10sec/0.375”lead length at 5 lbs tension
Operate at Ta =55°C with no thermal run away
Typical Ir<0.2µA
Low power loss, high efficient




Similar Part No. - EU2DGF

ManufacturerPart #DatasheetDescription
logo
Gulf Semiconductor
EU2DGF GULFSEMI-EU2DGF Datasheet
107Kb / 2P
SINTERED GLASS JUNCTION ULTRA FAST SWITCHING RECTIFIER VOLTAGE:100 TO 600V CURRENT: 1.0A
More results


Similar Description - EU2DGF

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
BYT54M LUGUANG-BYT54M Datasheet
238Kb / 2P
Sintered Glass Junction Fast Avalanche Rectifier
logo
Shenzhen Taychipst Elec...
BYV26AGP TAYCHIPST-BYV26AGP Datasheet
4Mb / 2P
SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER
BYV26EGP-15 TAYCHIPST-BYV26EGP-15 Datasheet
2Mb / 2P
SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER
RGP10A TAYCHIPST-RGP10A Datasheet
4Mb / 2P
SINTERED GLASS PASSIVATED JUNCTION FAST RECOVERY RECTIFIER
logo
Shenzhen Luguang Electr...
BYW96E LUGUANG-BYW96E Datasheet
145Kb / 2P
SINTERED GLASS JUNCTION FAST AVALANCHE RECTIFIER
logo
Zowie Technology Corpor...
RG110B ZOWIE-RG110B Datasheet
47Kb / 2P
SINTERED GLASS PASSIVATED JUNCTION FAST RECOVERY RECTIFIER
RGP10AH ZOWIE-RGP10AH Datasheet
60Kb / 2P
SINTERED GLASS PASSIVATED JUNCTION FAST RECOVERY RECTIFIER
RGP30AH ZOWIE-RGP30AH Datasheet
58Kb / 2P
SINTERED GLASS PASSIVATED JUNCTION FAST RECOVERY RECTIFIER
logo
GOOD-ARK Electronics
BYV36AGP GOOD-ARK-BYV36AGP_15 Datasheet
227Kb / 2P
SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER
logo
Rectron Semiconductor
BYV26EGP RECTRON-BYV26EGP Datasheet
69Kb / 4P
SINTERED GLASS JUNCTION FAST SWITCHING PlASTIC RECTIFIER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com