Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1402P Datasheet (PDF) - Texas Instruments

CC1402P Datasheet PDF - Texas Instruments
Part # CC1402P
Download  CC1402P Download
File Size   1674.53 Kbytes
Page   37 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description CC1402P SimpleLink™ General Purpose FSK Transceiver with Integrated High Power Amplifier

CC1402P Datasheet (PDF)

Go To PDF Page Download Datasheet
CC1402P Datasheet PDF - Texas Instruments

Part # CC1402P
Download  CC1402P Click to download

File Size   1674.53 Kbytes
Page   37 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description CC1402P SimpleLink™ General Purpose FSK Transceiver with Integrated High Power Amplifier

CC1402P Datasheet (HTML) - Texas Instruments


CC1402P Product details

1 Features
RF performance and analog features
• High-performance, software-configurable transceiver with support for IEEE 802.15.4
• Wide RF frequency coverage from 196MHz to 1149MHz
• Supported modulation formats:
– SUN FSK, 2-(G)FSK, 4-(G) FSK, MSK and OOK
• High linearity PA:
– Up to +22dBm output power with FSK
• High efficiency PA:
– +16dBm output power in differential mode
– +14dBm output power in single-ended mode
– Supports FSK and OOK
• Receiver sensitivity (w/uLNA enabled):
– -122dBm at 1.25kbit/s for CC140x Long Range Mode
– -107dBm at 100kbps SUN FSK #2b, no FEC
• Current consumption:
– 8.4mA RX in SUN FSK, high performance
– 6.9mA RX low power mode
– TX (high linearity PA): 134mA at +22dBm
– TX (high efficiency PA): 33mA at +16dBm
Digital features
• Software configurable modem and in-field upgradable radio transceiver through a secure serial bootloader (SSBL)
• Includes IEEE and TI proprietary unique IDs
• Factory-calibrated TX power and RSSI measurement
• Sniff mode and dual sync word capabilities
• WaveMatch for improved sync detect performance
Easy-to-use software API
• Device configuration and information
• Action commands and status commands and data transfer commands
• Packet streaming and repeat RX/TX supported with stream store and flush commands
RoHS-compliant package
• 5mm × 5mm RKP VQFN
Peripherals
• 1 × SPI, 8 × GPIO, RF front-end control, AES 128-bit hardware accelerator




Similar Part No. - CC1402P

ManufacturerPart #DatasheetDescription
logo
Marathon Special Produc...
CC1402 MARATHON-CC1402 Datasheet
280Kb / 1P
Power Block Covers
More results


Similar Description - CC1402P

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MICRF507 MICREL-MICRF507 Datasheet
681Kb / 46P
470MHz to 510MHz Low-Power FSK Transceiver with 10dBm Power Amplifier
MICRF507 MICREL-MICRF507_13 Datasheet
1Mb / 47P
470MHz to 510MHz Low-Power FSK Transceiver with 10dBm Power Amplifier
logo
Texas Instruments
CC1352P TI1-CC1352P Datasheet
499Kb / 59P
SimpleLink High-Performance Dual-Band Wireless MCU With Integrated Power Amplifier
CC1352P TI1-CC1352P_18 Datasheet
502Kb / 60P
SimpleLink High-Performance Dual-Band Wireless MCU With Integrated Power Amplifier
CC2652P TI1-CC2652P Datasheet
2Mb / 74P
CC2652P SimpleLink??Multiprotocol 2.4 GHz Wireless MCU With Integrated Power Amplifier
CC1352P7 TI-CC1352P7 Datasheet
3Mb / 82P
CC1352P7 SimpleLink??High-Performance Multi-Band Wireless MCU With Integrated Power Amplifier
CC2652P7 TI-CC2652P7 Datasheet
1Mb / 53P
CC2652P7 SimpleLink??Multiprotocol 2.4 GHz Wireless MCU With Integrated Power Amplifier
NOVEMBER 2021
CC1311P3 TI-CC1311P3 Datasheet
3Mb / 63P
CC1311P3 SimpleLink??High-Performance Sub-1 GHz Wireless MCU With Integrated Power Amplifier
MARCH 2022
CC2674P10 TI-CC2674P10 Datasheet
3Mb / 72P
CC2674P10 SimpleLink™ High-Performance Multiprotocol 2.4-GHz Wireless MCU with Integrated Power Amplifier
REVISED JUNE 2023
CC1354P10 TI1-CC1354P10 Datasheet
3Mb / 93P
CC1354P10 SimpleLink™ High-Performance Multi-band Wireless MCU With Integrated Power Amplifier
REVISED JUNE 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com