Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74LVC1G79B-Q1 Datasheet (PDF) - Texas Instruments

SN74LVC1G79B-Q1 Datasheet PDF - Texas Instruments
Part # SN74LVC1G79B-Q1
Download  SN74LVC1G79B-Q1 Download
File Size   1145.67 Kbytes
Page   26 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SN74LVC1G79B-Q1 Automotive Single D-Type Flip-Flop

SN74LVC1G79B-Q1 Datasheet (PDF)

Go To PDF Page Download Datasheet
SN74LVC1G79B-Q1 Datasheet PDF - Texas Instruments

Part # SN74LVC1G79B-Q1
Download  SN74LVC1G79B-Q1 Click to download

File Size   1145.67 Kbytes
Page   26 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SN74LVC1G79B-Q1 Automotive Single D-Type Flip-Flop

SN74LVC1G79B-Q1 Datasheet (HTML) - Texas Instruments


SN74LVC1G79B-Q1 Product details

1 Features
• AEC-Q100 qualified for automotive applications:
– Device temperature grade 1: -40°C to +125°C
– Device HBM ESD classification level 2
– Device CDM ESD classification level C4B
• Operating range from 1.1V to 5.5V
• Over-voltage tolerant inputs support up to 5.5V independent of VCC
• Supports partial-power-down with back drive protection (Ioff)
• High push-pull output drive strength:
– ±32mA at 5V
– ±24mA at 3.3V
– ±8mA at 2.5V
– ±4mA at 1.8V
• Maximum propagation delay of 3.9ns at 5V
• Latch-up performance exceeds 100mA per JESD78 and AEC-Q100-004




Similar Part No. - SN74LVC1G79B-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1G79 TI-SN74LVC1G79 Datasheet
431Kb / 14P
SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
SN74LVC1G79 TI1-SN74LVC1G79 Datasheet
904Kb / 22P
Single Positive-Edge-Triggered D-Type Flip-Flop
SN74LVC1G79 TI2-SN74LVC1G79 Datasheet
1Mb / 32P
SN74LVC1G79 Single Positive-Edge-Triggered D-Type Flip-Flop
REVISED APRIL 2017
SN74LVC1G79 TI2-SN74LVC1G79 Datasheet
1Mb / 23P
SN74LVC1G79-Q1 Single Positive-Edge-Triggered D-Type Flip-Flop
MARCH 2017
SN74LVC1G79-EP TI1-SN74LVC1G79-EP Datasheet
373Kb / 11P
SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
More results


Similar Description - SN74LVC1G79B-Q1

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
CD40174BC FAIRCHILD-CD40174BC Datasheet
58Kb / 7P
Hex D-Type Flip-Flop 쨌 Quad D-Type Flip-Flop
MM74C174 FAIRCHILD-MM74C174 Datasheet
54Kb / 6P
Hex D-Type Flip-Flop
MM74C74 FAIRCHILD-MM74C74 Datasheet
76Kb / 7P
Dual D-Type Flip-Flop
logo
ON Semiconductor
NL17SZ74 ONSEMI-NL17SZ74 Datasheet
108Kb / 12P
Single D Flip Flop
May, 2002 ??Rev. 2
NL17SZ74 ONSEMI-NL17SZ74_06 Datasheet
89Kb / 6P
Single D Flip Flop
April, 2006 ??Rev. 4
NLX1G74 ONSEMI-NLX1G74 Datasheet
148Kb / 6P
Single D Flip-Flop
April, 2009 ??Rev. 0
NLV17SZ74USG ONSEMI-NLV17SZ74USG Datasheet
127Kb / 6P
Single D Flip Flop
May, 2013 ??Rev. 10
NL17SZ74 ONSEMI-NL17SZ74_15 Datasheet
85Kb / 6P
Single D Flip Flop
June, 2015 ??Rev. 11
NLX1G74 ONSEMI-NLX1G74_13 Datasheet
123Kb / 6P
Single D Flip-Flop
September, 2013 ??Rev. 1
logo
Texas Instruments
SN74LV2T74-Q1 TI-SN74LV2T74-Q1 Datasheet
1Mb / 30P
SN74LV2T74-Q1 Automotive Dual D-Type Flip-Flop With Integrated Translation
MAY 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com