Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV3211 Datasheet (PDF) - Texas Instruments

TLV3211 Datasheet PDF - Texas Instruments
Part # TLV3211
Download  TLV3211 Download
File Size   1656.52 Kbytes
Page   41 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TLV321x and TLV322x 40ns High-Speed Comparators with Rail-to-Rail Input

TLV3211 Datasheet (PDF)

Go To PDF Page Download Datasheet
TLV3211 Datasheet PDF - Texas Instruments

Part # TLV3211
Download  TLV3211 Click to download

File Size   1656.52 Kbytes
Page   41 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TLV321x and TLV322x 40ns High-Speed Comparators with Rail-to-Rail Input

TLV3211 Datasheet (HTML) - Texas Instruments


TLV3211 Product details

1 Features
• Propagation delay: 40ns
• Low supply current: 40μA per channel
• Input offset voltage: ±1mV maximum
• Internal hysteresis: 1.8mV
• Input voltage range extends 200mV beyond rails
• Power-on Reset (POR) for known start-up
• Push-pull output option (TLV321x)
• Open-drain output option (TLV322x)




Similar Part No. - TLV3211

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV3211 TI2-TLV3211 Datasheet
1Mb / 34P
TLV321x and TLV322x 40ns High-Speed Comparators with Rail-to-Rail Input
SEPTEMBER 2025
TLV3211 TI2-TLV3211 Datasheet
1Mb / 42P
TLV321x and TLV322x 40ns High-Speed Comparators with Rail-to-Rail Input
REVISED DECEMBER 2025
TLV3211 TI2-TLV3211 Datasheet
1Mb / 39P
TLV321x-Q1 and TLV322x-Q1 Automotive 40ns High-Speed Comparators with Rail-to- Rail Input
REVISED DECEMBER 2025
TLV3211 TI2-TLV3211 Datasheet
1Mb / 41P
TLV321x and TLV322x 40ns High-Speed Comparators with Rail-to-Rail Input
REVISED SEPTEMBER 2026
TLV3211 TI2-TLV3211 Datasheet
1Mb / 41P
TLV321x and TLV322x 40ns High-Speed Comparators with Rail-to-Rail Input
REVISED SEPTEMBER 2026
More results


Similar Description - TLV3211

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9140 MAXIM-MAX9140 Datasheet
326Kb / 12P
40ns, Low-Power, 3V/5V, Rail-to-Rail Single-Supply Comparators
Rev 0; 6/01
logo
National Semiconductor ...
LMV7271 NSC-LMV7271 Datasheet
494Kb / 16P
Single & Dual, 1.8V Low Power Comparators with Rail-to-Rail Input
logo
STMicroelectronics
TS3022 STMICROELECTRONICS-TS3022 Datasheet
27Kb / 1P
Rail-to-Rail 1.8V High-Speed Micropower Comparators
Jan-2005
logo
Texas Instruments
TLV7211 TI-TLV7211 Datasheet
469Kb / 16P
CMOS COMPARATORS WITH RAIL-TO-RAIL INPUT AND PUSH-PULL OUTPUT
TLV7211 TI-TLV7211_07 Datasheet
474Kb / 19P
CMOS COMPARATORS WITH RAIL-TO-RAIL INPUT AND PUSH-PULL OUTPUT
logo
Maxim Integrated Produc...
MAX9140 MAXIM-MAX9140_10 Datasheet
342Kb / 15P
40ns, Low-Power, 3V/5V, Rail-to-Rail Single-Supply Comparators
Rev 3; 1/10
logo
Texas Instruments
TLV7211 TI-TLV7211_10 Datasheet
722Kb / 20P
CMOS COMPARATORS WITH RAIL-TO-RAIL INPUT AND PUSH-PULL OUTPUT
LMV7272TL-NOPB TI1-LMV7272TL-NOPB Datasheet
1Mb / 29P
Single & Dual, 1.8V Low Power Comparators with Rail-to-Rail Input
LMV7271 TI1-LMV7271_15 Datasheet
1Mb / 35P
Single and Dual, 1.8-V Low Power Comparators With Rail-to-Rail Input
logo
Nisshinbo Micro Devices...
NJU7725X NISSHINBO-NJU7725X Datasheet
2Mb / 31P
High-Speed, Rail-to-Rail Input, CMOS Comparator
June 30, 2022 Ver.0.3
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com