Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

552-02SPGGI Datasheet (PDF) - Renesas Technology Corp

552-02SPGGI Datasheet PDF - Renesas Technology Corp
Part # 552-02SPGGI
Download  552-02SPGGI Download
File Size   277.49 Kbytes
Page   7 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Low Skew 2-Input MUX and 1 to 8 Clock Buffer

552-02SPGGI Datasheet (PDF)

Go To PDF Page Download Datasheet
552-02SPGGI Datasheet PDF - Renesas Technology Corp

Part # 552-02SPGGI
Download  552-02SPGGI Click to download

File Size   277.49 Kbytes
Page   7 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Low Skew 2-Input MUX and 1 to 8 Clock Buffer

552-02SPGGI Datasheet (HTML) - Renesas Technology Corp


552-02SPGGI Product details

• Low RMS Additive Phase Jitter: 50fs
• Low output skew: 50ps
• Operating Voltages of 1.8V to 3.3V
• Packaged in 16-pin TSSOP and 16-pin VFQFPN, Pb-free
• Input clock multiplexer simplifies clock selection
• Output Enable pin tri-states outputs
• Input/Output clock frequency up to 200MHz
• Low power CMOS technology
• 3.3V tolerant inputs
• Extended temperature (-40°C to +105°C)




Similar Part No. - 552-02SPGGI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
552-02SPGGI IDT-552-02SPGGI Datasheet
132Kb / 10P
Low Skew 2-input MUX and 1 to 8 Clock Buffer
552-02SPGGI IDT-552-02SPGGI Datasheet
377Kb / 12P
Low Skew 2-input MUX and 1 to 8 Clock Buffer
logo
Renesas Technology Corp
552-02SPGGI RENESAS-552-02SPGGI Datasheet
668Kb / 13P
Low Skew 2-input MUX and 1 to 8 Clock Buffer
2019
logo
Integrated Device Techn...
552-02SPGGI8 IDT-552-02SPGGI8 Datasheet
132Kb / 10P
Low Skew 2-input MUX and 1 to 8 Clock Buffer
552-02SPGGI8 IDT-552-02SPGGI8 Datasheet
377Kb / 12P
Low Skew 2-input MUX and 1 to 8 Clock Buffer
More results


Similar Description - 552-02SPGGI

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS552-02 ICST-ICS552-02 Datasheet
96Kb / 6P
LOW SKEW 2 INPUT MUX AND 1 TO 8 CLOCK BUFFER
Revision 050401
logo
Integrated Device Techn...
552G-02ILN IDT-552G-02ILN Datasheet
104Kb / 7P
LOW SKEW 2 INPUT MUX AND 1 TO 8 CLOCK BUFFER
ICS552-02 IDT-ICS552-02 Datasheet
109Kb / 7P
LOW SKEW 2 INPUT MUX AND 1 TO 8 CLOCK BUFFER Industrial temperature
ICS552G-02I IDT-ICS552G-02I Datasheet
109Kb / 7P
LOW SKEW 2 INPUT MUX AND 1 TO 8 CLOCK BUFFER
552-02S IDT-552-02S Datasheet
132Kb / 10P
Low Skew 2-input MUX and 1 to 8 Clock Buffer
552-02S IDT-552-02S_17 Datasheet
377Kb / 12P
Low Skew 2-input MUX and 1 to 8 Clock Buffer
logo
Renesas Technology Corp
74FCT38072S RENESAS-74FCT38072S Datasheet
534Kb / 9P
Low Skew 1 to 2 Clock Buffer
FEBRUARY 3, 2023
IDT5P30017 RENESAS-IDT5P30017 Datasheet
260Kb / 9P
Low Skew 1 to 2 Clock Buffer
2019
552-02S RENESAS-552-02S Datasheet
668Kb / 13P
Low Skew 2-input MUX and 1 to 8 Clock Buffer
2019
ICS552-02 RENESAS-ICS552-02 Datasheet
262Kb / 8P
LOW SKEW 2 INPUT MUX AND 1 TO 8 CLOCK BUFFER
051310
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com