Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74FCT38074S Datasheet (PDF) - Renesas Technology Corp

74FCT38074S Datasheet PDF - Renesas Technology Corp
Part # 74FCT38074S
Download  74FCT38074S Download
File Size   839.03 Kbytes
Page   10 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Low Skew 1 to 4 Clock Buffer

74FCT38074S Datasheet (PDF)

Go To PDF Page Download Datasheet
74FCT38074S Datasheet PDF - Renesas Technology Corp

Part # 74FCT38074S
Download  74FCT38074S Click to download

File Size   839.03 Kbytes
Page   10 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Low Skew 1 to 4 Clock Buffer

74FCT38074S Datasheet (HTML) - Renesas Technology Corp


74FCT38074S Product details

• Low additive phase jitter RMS: 50fs
• Extremely low skew outputs (50ps)
• Low cost clock buffer
• Packaged in 8-pin SOIC and 8-pin DFN, Pb-free
• Input/Output clock frequency up to 200 MHz
• Low power CMOS technology
• Operating voltages of 1.8V to 3.3V
• Extended temperature range (-40° to +105°C)




Similar Part No. - 74FCT38074S

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
74FCT38074S IDT-74FCT38074S Datasheet
125Kb / 11P
Low additive phase jitter RMS
logo
Renesas Technology Corp
74FCT38074S RENESAS-74FCT38074S Datasheet
315Kb / 12P
Low Skew 1 to 4 Clock Buffer
REVISION A 03/18/15
74FCT38074SCMGI RENESAS-74FCT38074SCMGI Datasheet
315Kb / 12P
Low Skew 1 to 4 Clock Buffer
REVISION A 03/18/15
74FCT38074SCMGI8 RENESAS-74FCT38074SCMGI8 Datasheet
315Kb / 12P
Low Skew 1 to 4 Clock Buffer
REVISION A 03/18/15
74FCT38074SDCGI RENESAS-74FCT38074SDCGI Datasheet
315Kb / 12P
Low Skew 1 to 4 Clock Buffer
REVISION A 03/18/15
More results


Similar Description - 74FCT38074S

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS553 ICST-ICS553 Datasheet
89Kb / 6P
LOW SKEW 1 TO 4 CLOCK BUFFER
Revision 052501
ICS651 ICST-ICS651 Datasheet
82Kb / 7P
LOW SKEW 1 TO 4 CLOCK BUFFER
Revision 120805
ICS556-04 ICST-ICS556-04 Datasheet
145Kb / 6P
LOW SKEW 1 TO 4 CLOCK BUFFER
ICS553MI ICST-ICS553MI Datasheet
65Kb / 6P
LOW SKEW 1 TO 4 CLOCK BUFFER
Revision 080404
logo
Integrated Device Techn...
ICS651B IDT-ICS651B Datasheet
185Kb / 8P
LOW SKEW 1 TO 4 CLOCK BUFFER
ICS651MLFT IDT-ICS651MLFT Datasheet
89Kb / 8P
LOW SKEW 1 TO 4 CLOCK BUFFER
IDT5T30553 IDT-IDT5T30553 Datasheet
187Kb / 8P
LOW SKEW 1 TO 4 CLOCK BUFFER
logo
Pericom Semiconductor C...
PI6C49X0204A PERICOM-PI6C49X0204A Datasheet
981Kb / 10P
Low Skew 1 TO 4 Clock Buffer
logo
Integrated Device Techn...
551S IDT-551S_18 Datasheet
153Kb / 9P
Low Skew 1 to 4 Clock Buffer
logo
Renesas Technology Corp
ICS556-04 RENESAS-ICS556-04 Datasheet
352Kb / 8P
LOW SKEW 1 TO 4 CLOCK BUFFER
051310
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com