Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2881280 Datasheet (PDF) - KNIPEX

2881280 Datasheet PDF - KNIPEX
Part # 2881280
Download  2881280 Download
File Size   139.43 Kbytes
Page   2 Pages
Manufacturer  KNIPEX [KNIPEX]
Direct Link  https://www.knipex.com/
Logo KNIPEX - KNIPEX
Description Long Reach Needle Nose Pliers With transverse profiles

2881280 Datasheet (PDF)

Go To PDF Page Download Datasheet
2881280 Datasheet PDF - KNIPEX

Part # 2881280
Download  2881280 Click to download

File Size   139.43 Kbytes
Page   2 Pages
Manufacturer  KNIPEX [KNIPEX]
Direct Link  https://www.knipex.com/
Logo KNIPEX - KNIPEX
Description Long Reach Needle Nose Pliers With transverse profiles

2881280 Datasheet (HTML) - KNIPEX


2881280 Product details

General
Article No. 28 81 280
EAN 4003773079422
Pliers black atramentized
Head polished
Handles plastic coated
Weight 235 g
Dimensions 280 x 55 x 14 mm
Standard DIN ISO 5745
Reach no
RohS no




Similar Part No. - 2881280

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
2881 KR-2881 Datasheet
37Kb / 2P
440 MHz Center Frequency
logo
Heyco.
2881 HEYCO-2881 Datasheet
128Kb / 1P
Open/Closed Bushings
logo
Adafruit Industries
2881 ADAFRUIT-2881 Datasheet
160Kb / 3P
A/V and RCA (Composite Video, Audio) Cable for Raspberry Pi
2/24/2016
logo
Multicomp Pro
2881 MULTICOMP-2881 Datasheet
114Kb / 1P
Round Aluminum Through Hole Spacer
01/08/12 V1.0
logo
KR Electronics, Inc.
2881-SMA KR-2881-SMA Datasheet
97Kb / 3P
KR Electronics part number 440 MHz bandpass filter
More results


Similar Description - 2881280

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FWLF1631R17 FINISAR-FWLF1631R17 Datasheet
106Kb / 10P
Long-Reach DWDM SFP Transceiver
logo
List of Unclassifed Man...
D00634 ETC2-D00634 Datasheet
33Kb / 1P
VDE Snipe Nose Pliers
logo
Finisar Corporation.
FWLF1631RXX FINISAR-FWLF1631RXX Datasheet
347Kb / 10P
Long-Reach DWDM SFP Transceiver
logo
M/A-COM Technology Solu...
02006-DSH-001-B MA-COM-02006-DSH-001-B Datasheet
306Kb / 17P
CMOS Pre-amplifier with AGC for Long-reach
logo
Finisar Corporation.
FWLF1631R FINISAR-FWLF1631R Datasheet
347Kb / 10P
Long-Reach DWDM SFP Transceiver
FWLF1634RL FINISAR-FWLF1634RL Datasheet
374Kb / 11P
Long-Reach DWDM SFP Transceiver
logo
List of Unclassifed Man...
BU-21434 ETC2-BU-21434 Datasheet
203Kb / 1P
Insulated, Long Reach, Plunger Grabber
logo
PHOENIX CONTACT
MICROFOX-R PHOENIX-MICROFOX-R Datasheet
49Kb / 2P
Electronic round-nose pliers, smooth grip, with opening spring
UNIFOX-PC-VDE PHOENIX-UNIFOX-PC-VDE Datasheet
47Kb / 3P
Needle-nose pliers with blade, angled 45째, notched grip area, VDE 1000 V AC/1500 V DC tested
UNIFOX-P-VDE PHOENIX-UNIFOX-P-VDE Datasheet
50Kb / 2P
Needle-nose pliers with blade, notched grip area, VDE 1000 V AC/1500 V DC tested
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com