Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3016160 Datasheet (PDF) - KNIPEX

3016160 Datasheet PDF - KNIPEX
Part # 3016160
Download  3016160 Download
File Size   117.01 Kbytes
Page   2 Pages
Manufacturer  KNIPEX [KNIPEX]
Direct Link  https://www.knipex.com/
Logo KNIPEX - KNIPEX
Description Long Nose Pliers

3016160 Datasheet (PDF)

Go To PDF Page Download Datasheet
3016160 Datasheet PDF - KNIPEX

Part # 3016160
Download  3016160 Click to download

File Size   117.01 Kbytes
Page   2 Pages
Manufacturer  KNIPEX [KNIPEX]
Direct Link  https://www.knipex.com/
Logo KNIPEX - KNIPEX
Description Long Nose Pliers

3016160 Datasheet (HTML) - KNIPEX


3016160 Product details

General
Article No. 30 16 160
EAN 4003773001904
Pliers chrome-plated
Head chrome-plated
Handles insulated with multi-component grips, VDE-tested
Weight 150 g
Dimensions 160 x 57 x 18 mm
Standard DIN ISO 5745 DIN EN 60900 IEC 60900
Reach no
RohS no




Similar Part No. - 3016160

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
3016 ETC2-3016 Datasheet
99Kb / 1P
TEST TIPS AND PLUGS
3016 ETC2-3016 Datasheet
158Kb / 3P
3/8 Square Drive Sockets, SAE
logo
KR Electronics, Inc.
3016 KR-3016 Datasheet
65Kb / 3P
80 MHz Bandpass Filter
logo
Adafruit Industries
3016 ADAFRUIT-3016 Datasheet
106Kb / 2P
Pimoroni pHAT DAC for Raspberry Pi Zero
logo
TE Connectivity Ltd
3016-D1-A-X TEC-3016-D1-A-X Datasheet
5Mb / 8P
M.2 (NGFF) Connectors
01/2014
More results


Similar Description - 3016160

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LGP730B-45CN ETC-LGP730B-45CN Datasheet
104Kb / 1P
NOSE ASSEMBLY
D00634 ETC2-D00634 Datasheet
33Kb / 1P
VDE Snipe Nose Pliers
382-0214 ETC2-382-0214 Datasheet
139Kb / 2P
Pliers
logo
PHOENIX CONTACT
MICROFOX-R PHOENIX-MICROFOX-R Datasheet
49Kb / 2P
Electronic round-nose pliers, smooth grip, with opening spring
SF-Z0029 PHOENIX-SF-Z0029 Datasheet
46Kb / 2P
Crimping pliers
UNIFOX-F-VDE PHOENIX-UNIFOX-F-VDE Datasheet
52Kb / 2P
Flat-nose pliers, finely notched grip area, VDE 1000 V AC/1500 V DC tested
UNIFOX-P-VDE PHOENIX-UNIFOX-P-VDE Datasheet
50Kb / 2P
Needle-nose pliers with blade, notched grip area, VDE 1000 V AC/1500 V DC tested
UNIFOX-R-VDE PHOENIX-UNIFOX-R-VDE Datasheet
48Kb / 3P
Round-nose pliers, finely notched grip area, VDE 1000 V AC/1500 V DC tested
logo
Pepperl+Fuchs Inc.
VAZ-FK-R-STRIPPER PF-VAZ-FK-R-STRIPPER Datasheet
102Kb / 1P
Stripping pliers
2009-03-11
logo
Molex Electronics Ltd.
2002220710 MOLEX-2002220710 Datasheet
23Kb / 1P
Extraction Long Nose Plier Tool for MX150 Connectors
08/25/2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com