Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3025190 Datasheet (PDF) - KNIPEX

3025190 Datasheet PDF - KNIPEX
Part # 3025190
Download  3025190 Download
File Size   111.66 Kbytes
Page   2 Pages
Manufacturer  KNIPEX [KNIPEX]
Direct Link  https://www.knipex.com/
Logo KNIPEX - KNIPEX
Description Long Nose Pliers

3025190 Datasheet (PDF)

Go To PDF Page Download Datasheet
3025190 Datasheet PDF - KNIPEX

Part # 3025190
Download  3025190 Click to download

File Size   111.66 Kbytes
Page   2 Pages
Manufacturer  KNIPEX [KNIPEX]
Direct Link  https://www.knipex.com/
Logo KNIPEX - KNIPEX
Description Long Nose Pliers

3025190 Datasheet (HTML) - KNIPEX


3025190 Product details

General
Article No. 30 25 190
EAN 4003773043515
Pliers chrome-plated
Head chrome-plated
Handles with multi-component grips
Weight 168 g
Dimensions 190 x 56 x 18 mm
Standard DIN ISO 5745
Reach no
RohS no




Similar Part No. - 3025190

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3025147 PHOENIX-3025147 Datasheet
46Kb / 2P
Plug-in bridge - FBST 10-5
3025150 PHOENIX-3025150 Datasheet
126Kb / 5P
MT 1,5-QUATTRO BU
3025163 PHOENIX-3025163 Datasheet
452Kb / 6P
SK 8 - Shield connection terminal block
3025176 PHOENIX-3025176 Datasheet
451Kb / 6P
SK 14 - Shield connection terminal block
3025189 PHOENIX-3025189 Datasheet
450Kb / 6P
SK 20 - Shield connection terminal block
More results


Similar Description - 3025190

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LGP730B-45CN ETC-LGP730B-45CN Datasheet
104Kb / 1P
NOSE ASSEMBLY
D00634 ETC2-D00634 Datasheet
33Kb / 1P
VDE Snipe Nose Pliers
382-0214 ETC2-382-0214 Datasheet
139Kb / 2P
Pliers
logo
PHOENIX CONTACT
MICROFOX-R PHOENIX-MICROFOX-R Datasheet
49Kb / 2P
Electronic round-nose pliers, smooth grip, with opening spring
SF-Z0029 PHOENIX-SF-Z0029 Datasheet
46Kb / 2P
Crimping pliers
UNIFOX-F-VDE PHOENIX-UNIFOX-F-VDE Datasheet
52Kb / 2P
Flat-nose pliers, finely notched grip area, VDE 1000 V AC/1500 V DC tested
UNIFOX-P-VDE PHOENIX-UNIFOX-P-VDE Datasheet
50Kb / 2P
Needle-nose pliers with blade, notched grip area, VDE 1000 V AC/1500 V DC tested
UNIFOX-R-VDE PHOENIX-UNIFOX-R-VDE Datasheet
48Kb / 3P
Round-nose pliers, finely notched grip area, VDE 1000 V AC/1500 V DC tested
logo
Pepperl+Fuchs Inc.
VAZ-FK-R-STRIPPER PF-VAZ-FK-R-STRIPPER Datasheet
102Kb / 1P
Stripping pliers
2009-03-11
logo
Molex Electronics Ltd.
2002220710 MOLEX-2002220710 Datasheet
23Kb / 1P
Extraction Long Nose Plier Tool for MX150 Connectors
08/25/2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com