Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3115160 Datasheet (PDF) - KNIPEX

3115160 Datasheet PDF - KNIPEX
Part # 3115160
Download  3115160 Download
File Size   111.87 Kbytes
Page   2 Pages
Manufacturer  KNIPEX [KNIPEX]
Direct Link  https://www.knipex.com/
Logo KNIPEX - KNIPEX
Description Flat Nose Pliers (Needle-Nose Pliers)

3115160 Datasheet (PDF)

Go To PDF Page Download Datasheet
3115160 Datasheet PDF - KNIPEX

Part # 3115160
Download  3115160 Click to download

File Size   111.87 Kbytes
Page   2 Pages
Manufacturer  KNIPEX [KNIPEX]
Direct Link  https://www.knipex.com/
Logo KNIPEX - KNIPEX
Description Flat Nose Pliers (Needle-Nose Pliers)

3115160 Datasheet (HTML) - KNIPEX


3115160 Product details

General
Article No. 31 15 160
EAN 4003773016465
Pliers chrome-plated
Head chrome-plated
Handles with multi-component grips
Weight 124 g
Dimensions 160 x 56 x 19 mm
Reach no
RohS no




Similar Part No. - 3115160

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
3115 ETC2-3115 Datasheet
113Kb / 2P
FLAT WASHERS NYLON FIBRE
3115 ETC2-3115 Datasheet
68Kb / 1P
WASHERS
logo
Heyco.
3115 HEYCO-3115 Datasheet
120Kb / 1P
Thick Panel Snap Bushings
logo
Keystone Electronics Co...
3115 KEYSTONE-3115 Datasheet
423Kb / 1P
WASHERS
31-07 20th
logo
Videk Ltd
3115-0.5 VIDEK-3115-0.5 Datasheet
80Kb / 1P
eSATA Cables
More results


Similar Description - 3115160

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LGP730B-45CN ETC-LGP730B-45CN Datasheet
104Kb / 1P
NOSE ASSEMBLY
D00634 ETC2-D00634 Datasheet
33Kb / 1P
VDE Snipe Nose Pliers
382-0214 ETC2-382-0214 Datasheet
139Kb / 2P
Pliers
logo
PHOENIX CONTACT
MICROFOX-R PHOENIX-MICROFOX-R Datasheet
49Kb / 2P
Electronic round-nose pliers, smooth grip, with opening spring
UNIFOX-F-VDE PHOENIX-UNIFOX-F-VDE Datasheet
52Kb / 2P
Flat-nose pliers, finely notched grip area, VDE 1000 V AC/1500 V DC tested
UNIFOX-PC-VDE PHOENIX-UNIFOX-PC-VDE Datasheet
47Kb / 3P
Needle-nose pliers with blade, angled 45째, notched grip area, VDE 1000 V AC/1500 V DC tested
UNIFOX-P-VDE PHOENIX-UNIFOX-P-VDE Datasheet
50Kb / 2P
Needle-nose pliers with blade, notched grip area, VDE 1000 V AC/1500 V DC tested
UNIFOX-R-VDE PHOENIX-UNIFOX-R-VDE Datasheet
48Kb / 3P
Round-nose pliers, finely notched grip area, VDE 1000 V AC/1500 V DC tested
1212493 PHOENIX-1212493 Datasheet
49Kb / 2P
Flat-nosed pliers - MICROFOX-F
1212796 PHOENIX-1212796 Datasheet
44Kb / 2P
Flat-nosed pliers - MICROFOX-F_DB
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com