Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4144200 Datasheet (PDF) - KNIPEX

4144200 Datasheet PDF - KNIPEX
Part # 4144200
Download  4144200 Download
File Size   143.58 Kbytes
Page   2 Pages
Manufacturer  KNIPEX [KNIPEX]
Direct Link  https://www.knipex.com/
Logo KNIPEX - KNIPEX
Description Grip Pliers

4144200 Datasheet (PDF)

Go To PDF Page Download Datasheet
4144200 Datasheet PDF - KNIPEX

Part # 4144200
Download  4144200 Click to download

File Size   143.58 Kbytes
Page   2 Pages
Manufacturer  KNIPEX [KNIPEX]
Direct Link  https://www.knipex.com/
Logo KNIPEX - KNIPEX
Description Grip Pliers

4144200 Datasheet (HTML) - KNIPEX


4144200 Product details

General
Article No. 41 44 200
EAN 4003773080343
Pliers galvanized
Weight 400 g
Dimensions 200 x 100 x 19 mm
Reach no
RohS no




Similar Part No. - 4144200

ManufacturerPart #DatasheetDescription
logo
Filtronic Compound Semi...
4144 FILTRONIC-4144 Datasheet
369Kb / 3P
POWER DIVIDERS FOUR-WAY, 1 TO 18 GHZ
logo
API Technologies Corp
4144 APITECH-4144 Datasheet
195Kb / 3P
POWER DIVIDERS
4144 APITECH-4144 Datasheet
195Kb / 3P
POWER DIVIDERS
4144 APITECH-4144 Datasheet
195Kb / 3P
POWER DIVIDERS
logo
Visual Communications C...
4144 VCC-4144 Datasheet
78Kb / 1P
Relampable Socket
More results


Similar Description - 4144200

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
R410CV ETC2-R410CV Datasheet
39Kb / 1P
Crescent 10" Tongue and Groove Pliers, V-Jaw, Cushion Grip, Carded
26703 ETC2-26703 Datasheet
394Kb / 5P
Combination pliers Basic
32695 ETC2-32695 Datasheet
217Kb / 1P
Wiha Vinyl Grip Pliers & Cutters
382-0214 ETC2-382-0214 Datasheet
139Kb / 2P
Pliers
logo
PHOENIX CONTACT
MICROFOX-R PHOENIX-MICROFOX-R Datasheet
49Kb / 2P
Electronic round-nose pliers, smooth grip, with opening spring
SF-Z0008 PHOENIX-SF-Z0008 Datasheet
44Kb / 2P
Crimping pliers
SF-Z0009 PHOENIX-SF-Z0009 Datasheet
44Kb / 2P
Crimping pliers
SF-Z0029 PHOENIX-SF-Z0029 Datasheet
46Kb / 2P
Crimping pliers
RC-Z2504 PHOENIX-RC-Z2504 Datasheet
45Kb / 2P
Crimping pliers
logo
Pepperl+Fuchs Inc.
VAZ-FK-R-STRIPPER PF-VAZ-FK-R-STRIPPER Datasheet
102Kb / 1P
Stripping pliers
2009-03-11
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com