Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4234280 Datasheet (PDF) - KNIPEX

4234280 Datasheet PDF - KNIPEX
Part # 4234280
Download  4234280 Download
File Size   137.91 Kbytes
Page   2 Pages
Manufacturer  KNIPEX [KNIPEX]
Direct Link  https://www.knipex.com/
Logo KNIPEX - KNIPEX
Description Welding Grip Pliers

4234280 Datasheet (PDF)

Go To PDF Page Download Datasheet
4234280 Datasheet PDF - KNIPEX

Part # 4234280
Download  4234280 Click to download

File Size   137.91 Kbytes
Page   2 Pages
Manufacturer  KNIPEX [KNIPEX]
Direct Link  https://www.knipex.com/
Logo KNIPEX - KNIPEX
Description Welding Grip Pliers

4234280 Datasheet (HTML) - KNIPEX


4234280 Product details

General
Article No. 42 34 280
EAN 4003773022220
Pliers galvanized
Weight 692 g
Dimensions 280 x 138 x 18 mm
Reach no
RohS no




Similar Part No. - 4234280

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
4234 APITECH-4234 Datasheet
195Kb / 3P
POWER DIVIDERS
4234 APITECH-4234 Datasheet
195Kb / 3P
POWER DIVIDERS
4234 APITECH-4234 Datasheet
195Kb / 3P
POWER DIVIDERS
logo
Heyco.
4234 HEYCO-4234 Datasheet
104Kb / 1P
Shorty Cable Holders
logo
Adafruit Industries
4234 ADAFRUIT-4234 Datasheet
538Kb / 2P
GreatFET One by Great Scott Gadgets
More results


Similar Description - 4234280

ManufacturerPart #DatasheetDescription
logo
ABB
5SDD92Z0400 ABB-5SDD92Z0400 Datasheet
82Kb / 6P
Housingless Welding Diode
logo
List of Unclassifed Man...
R410CV ETC2-R410CV Datasheet
39Kb / 1P
Crescent 10" Tongue and Groove Pliers, V-Jaw, Cushion Grip, Carded
32695 ETC2-32695 Datasheet
217Kb / 1P
Wiha Vinyl Grip Pliers & Cutters
BU-33C ETC2-BU-33C Datasheet
54Kb / 1P
Welding Clip
BU-102W-0 ETC2-BU-102W-0 Datasheet
51Kb / 2P
Insulated Welding Clip
382-0214 ETC2-382-0214 Datasheet
139Kb / 2P
Pliers
logo
ON Semiconductor
NGTB45N60S2WG ONSEMI-NGTB45N60S2WG Datasheet
86Kb / 5P
IGBT - Inverter Welding
December, 2014 ??Rev. 1
NGTB50N60S1WG ONSEMI-NGTB50N60S1WG Datasheet
90Kb / 5P
IGBT - Inverter Welding
December, 2014 ??Rev. 1
logo
PHOENIX CONTACT
MICROFOX-R PHOENIX-MICROFOX-R Datasheet
49Kb / 2P
Electronic round-nose pliers, smooth grip, with opening spring
logo
Shenzhen Luguang Electr...
ZHA7100 LUGUANG-ZHA7100 Datasheet
1Mb / 1P
Welding Diodes
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com