Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS-E63B Datasheet (PDF) - ams-OSRAM AG

LS-E63B Datasheet PDF - ams-OSRAM AG
Part # LS-E63B
Download  LS-E63B Download
File Size   1868.75 Kbytes
Page   24 Pages
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG
Description Power TOPLED® Lens

LS-E63B Datasheet (PDF)

Go To PDF Page Download Datasheet
LS-E63B Datasheet PDF - ams-OSRAM AG

Part # LS-E63B
Download  LS-E63B Click to download

File Size   1868.75 Kbytes
Page   24 Pages
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG
Description Power TOPLED® Lens

LS-E63B Datasheet (HTML) - ams-OSRAM AG


LS-E63B Product details

Applications
- Automotive Aftermarket - Static Signaling
Features
- Package: white PLCC-4 package, colorless clear resin
- Chip technology: InGaAlP
- Typ. Radiation: 30°
- Color: λdom = 633 nm (● super red)
- Corrosion Robustness Class: 3B
- Qualifications: AEC-Q102 Qualified
- ESD: 2 kV acc. to ANSI/ESDA/JEDEC JS-001 (HBM, Class 2)





Similar Part No. - LS-E63B

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LS-E63B OSRAM-LS-E63B Datasheet
205Kb / 16P
white P-LCC-4 package
LS-E63B-BBCB-1-1-Z OSRAM-LS-E63B-BBCB-1-1-Z Datasheet
479Kb / 20P
Power TOPLED Lens
More results


Similar Description - LS-E63B

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LA-E65F-CBEA-24 OSRAM-LA-E65F-CBEA-24 Datasheet
546Kb / 21P
Power TOPLED Lens
LS-E63B-BBCB-1-1-Z OSRAM-LS-E63B-BBCB-1-1-Z Datasheet
479Kb / 20P
Power TOPLED Lens
LYE63F OSRAM-LYE63F Datasheet
594Kb / 22P
Power TOPLED Lens
LAE65F OSRAM-LAE65F_17 Datasheet
576Kb / 21P
Power TOPLED Lens
LAE65FP OSRAM-LAE65FP Datasheet
569Kb / 21P
Power TOPLED Lens
LTE63C OSRAM-LTE63C Datasheet
647Kb / 22P
Power TOPLED Lens
LAE63F OSRAM-LAE63F_16 Datasheet
405Kb / 22P
Power TOPLED Lens
LAE65B OSRAM-LAE65B Datasheet
532Kb / 20P
Power TOPLED Lens
LAE65F-DUALBINNING OSRAM-LAE65F-DUALBINNING Datasheet
611Kb / 21P
Power TOPLED Lens
logo
ams AG
LBM673 AMSCO-LBM673 Datasheet
1Mb / 22P
Mini TOPLED®
Version 1.7 2022-08-03
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com