Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMFX2023 Datasheet (PDF) - Infinite Electronics International, Inc.

FMFX2023 Datasheet PDF - Infinite Electronics International, Inc.
Part # FMFX2023
Download  FMFX2023 Download
File Size   641.85 Kbytes
Page   5 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description FMFX2023 DATA SHEET 50 GHz to 75 GHz V-Band 4x Active Frequency Multiplier, 15 dBm Pout, WR-15 Output with UG-385/U Flange, SMA Female Input

FMFX2023 Datasheet (PDF)

Go To PDF Page Download Datasheet
FMFX2023 Datasheet PDF - Infinite Electronics International, Inc.

Part # FMFX2023
Download  FMFX2023 Click to download

File Size   641.85 Kbytes
Page   5 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description FMFX2023 DATA SHEET 50 GHz to 75 GHz V-Band 4x Active Frequency Multiplier, 15 dBm Pout, WR-15 Output with UG-385/U Flange, SMA Female Input

FMFX2023 Datasheet (HTML) - Infinite Electronics International, Inc.


FMFX2023 Product details

Features
• WR-15 Waveguide 4x Active
• Frequency Multiplier
• Output Frequency 50 GHz
• to 70 GHz, V Band
• Input Frequency 12.5
• GHz to 18.75 GHz
• Pout +15 dBm typ
• Bias Voltage Range
• +6 Vdc to +8 Vdc
• DC current 275 mA typ
• 50 Ohm Design
• Input RF Connector SMA Female
• Outpur Waveguide WR-15
• with UG-385/U flange
• Solder Pins for DC Bias
• Voltage and Ground
• Operational Temperature
• Range -40°C to +80°C
• Rugged and Compact Aluminum
• Gold Plated Package Design
• Applications:
• Military & Space
• R&D Labs
• Communicatoin Systems
• Radar Systems
• Microwave Radio Systems
• RF Wideband Front Ends
• Test Instrumentation
• FMFX2023
• DATA SHEET




Similar Part No. - FMFX2023

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
FMFX2020 FAIRVIEW-FMFX2020 Datasheet
685Kb / 4P
SMA Female Active 3x Frequency Multiplier with 2.85 GHz to 4.5 GHz Output
REV 1.0A
FMFX2021 FAIRVIEW-FMFX2021 Datasheet
640Kb / 5P
FMFX2021 DATA SHEET 26.5 GHz to 40 GHz Ka-Band 2x Active Frequency Multiplier, 22 dBm Pout, WR-28 Output with UG-599/U Flange, SMA Female Input
REV 1A
FMFX2022 FAIRVIEW-FMFX2022 Datasheet
638Kb / 5P
FMFX2022 DATA SHEET 40 GHz to 60 GHz U-Band 4x Active Frequency Multiplier, 10 dBm Pout, WR-19 Output with UG-383/U-M Flange, SMA Female Input
REV 1A
FMFX2024 FAIRVIEW-FMFX2024 Datasheet
641Kb / 5P
FMFX2024 DATA SHEET 40 GHz to 60 GHz E-Band 6x Active Frequency Multiplier, 15 dBm Pout, WR-12 Output with UG-387/U Flange, SMA Female Input
REV 1A
FMFX2025 FAIRVIEW-FMFX2025 Datasheet
642Kb / 5P
FMFX2025 DATA SHEET 60 GHz to 90 GHz E-Band 6x Active Frequency Multiplier, 20 dBm Pout, WR-12 Output with UG-387/U Flange, SMA Female Input
REV 1A
More results


Similar Description - FMFX2023

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE-W15CA001 PASTERNACK-PE-W15CA001 Datasheet
442Kb / 4P
WR-15 With UG-385-U Flange to 1.85mm Female Waveguide
PE-W15B001 PASTERNACK-PE-W15B001 Datasheet
342Kb / 2P
WR-15 Instrumentation Grade Waveguide E-Bend with UG-385-U Flange Operating from 50 GHz to 75 GHz
PE-W15B002 PASTERNACK-PE-W15B002 Datasheet
342Kb / 2P
WR-15 Instrumentation Grade Waveguide H-Bend with UG-385-U Flange Operating from 50 GHz to 75 GHz
PE-W15CA002 PASTERNACK-PE-W15CA002 Datasheet
443Kb / 4P
WR-15 With UG-385 - U Flange to 1.85mm Male Waveguide to Coax Adapter Operating From 50 GHz to 65 GHz V Band
PE-W15S001-12 PASTERNACK-PE-W15S001-12 Datasheet
352Kb / 2P
WR-15 Instrumentation Grade Straight Waveguide Section 12 Inch Length with UG-385 - U Flange Operating from 50 GHz to 75 GHz
PEWMT1002 PASTERNACK-PEWMT1002 Datasheet
512Kb / 3P
WR-15 Waveguide Magic Tee, UG-385/U Round Cover Flange Operating from 50 GHz to 75 GHz
PE-W15TW1001 PASTERNACK-PE-W15TW1001 Datasheet
405Kb / 3P
WR-15 90 Degree Waveguide Twist With a UG-385/U Flange Operating From 50 GHz to 75 GHz
PE-W15TW1002 PASTERNACK-PE-W15TW1002 Datasheet
412Kb / 3P
WR-15 45 Degree Left-hand Waveguide Twist With a UG-385/U Flange Operating From 50 GHz to 75 GHz
PE-W15TW1003 PASTERNACK-PE-W15TW1003 Datasheet
412Kb / 3P
WR-15 45 Degree Right-hand Waveguide Twist With a UG-385/U Flange Operating From 50 GHz to 75 GHz
PEWAD5002 PASTERNACK-PEWAD5002 Datasheet
366Kb / 3P
WR-15 Waveguide Bulkhead Adapter UG-385/U Round Cover Flange, 50 GHz to 75 GHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com