Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4841J11 Datasheet (PDF) - KNIPEX

4841J11 Datasheet PDF - KNIPEX
Part # 4841J11
Download  4841J11 Download
File Size   142.64 Kbytes
Page   2 Pages
Manufacturer  KNIPEX [KNIPEX]
Direct Link  https://www.knipex.com/
Logo KNIPEX - KNIPEX
Description Precision Circlip Pliers For internal circlips in bore holes

4841J11 Datasheet (PDF)

Go To PDF Page Download Datasheet
4841J11 Datasheet PDF - KNIPEX

Part # 4841J11
Download  4841J11 Click to download

File Size   142.64 Kbytes
Page   2 Pages
Manufacturer  KNIPEX [KNIPEX]
Direct Link  https://www.knipex.com/
Logo KNIPEX - KNIPEX
Description Precision Circlip Pliers For internal circlips in bore holes

4841J11 Datasheet (HTML) - KNIPEX


4841J11 Product details

General
Article No. 48 41 J11
EAN 4003773079576
Pliers grey atramentized
Handles with non-slip plastic coating
Weight 105 g
Dimensions 130 x 52 x 12 mm
Standard DIN 5256 D
Reach no
RohS no




Similar Part No. - 4841J11

ManufacturerPart #DatasheetDescription
logo
KNIPEX
4841J01 KNIPEX-4841J01 Datasheet
108Kb / 1P
Precision Circlip Pliers For internal circlips in bore holes
05.07.2021
4841J21 KNIPEX-4841J21 Datasheet
107Kb / 1P
Precision Circlip Pliers For internal circlips in bore holes
05.07.2021
4841J31 KNIPEX-4841J31 Datasheet
106Kb / 1P
Precision Circlip Pliers For internal circlips in bore holes
05.07.2021
More results


Similar Description - 4841J11

ManufacturerPart #DatasheetDescription
logo
Harwin Plc
Z80-300 HARWIN-Z80-300 Datasheet
69Kb / 1P
DATAMATE S-TEK CIRCLIP TOOL
logo
Pasternack Enterprises,...
PE91049 PASTERNACK-PE91049 Datasheet
448Kb / 3P
Precision SMA Female to SMP Male Adapter Smooth Bore
logo
List of Unclassifed Man...
382-0214 ETC2-382-0214 Datasheet
139Kb / 2P
Pliers
logo
Rosenberger Hochfrequen...
119S14N-40ML5 ROSENBERGER-119S14N-40ML5 Datasheet
136Kb / 2P
STRAIGHT PLUG FOR PCB SMOOTH BORE
119S142-40ML5 ROSENBERGER-119S142-40ML5 Datasheet
123Kb / 2P
STRAIGHT PLUG FOR PCB SMOOTH BORE
119S147-40ML5 ROSENBERGER-119S147-40ML5 Datasheet
129Kb / 2P
STRAIGHT PLUG FOR PCB SMOOTH BORE
119S144-40ML5 ROSENBERGER-119S144-40ML5 Datasheet
117Kb / 2P
STRAIGHT PLUG FOR PCB SMOOTH BORE
logo
PHOENIX CONTACT
PPS-ST PHOENIX-PPS-ST Datasheet
50Kb / 2P
Stamping bit, for bore holes: 4.3 mm diameter
CRIMPFOX-CX-7 PHOENIX-CRIMPFOX-CX-7 Datasheet
52Kb / 2P
Crimping pliers for processing coaxial connectors
logo
Schneider Electric
XACB912 SCHNEIDER-XACB912 Datasheet
98Kb / 1P
boot with circlip - for booted operator - silicone - 4 mm
Aug 17, 2019
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com