Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4941A01 Datasheet (PDF) - KNIPEX

4941A01 Datasheet PDF - KNIPEX
Part # 4941A01
Download  4941A01 Download
File Size   135.66 Kbytes
Page   2 Pages
Manufacturer  KNIPEX [KNIPEX]
Direct Link  https://www.knipex.com/
Logo KNIPEX - KNIPEX
Description Precision Circlip Pliers For external circlips on shafts

4941A01 Datasheet (PDF)

Go To PDF Page Download Datasheet
4941A01 Datasheet PDF - KNIPEX

Part # 4941A01
Download  4941A01 Click to download

File Size   135.66 Kbytes
Page   2 Pages
Manufacturer  KNIPEX [KNIPEX]
Direct Link  https://www.knipex.com/
Logo KNIPEX - KNIPEX
Description Precision Circlip Pliers For external circlips on shafts

4941A01 Datasheet (HTML) - KNIPEX


4941A01 Product details

General
Article No. 49 41 A01
EAN 4003773061755
Pliers grey atramentized
Handles with non-slip plastic coating
Weight 102 g
Dimensions 130 x 62 x 11 mm
Standard DIN 5254 B
Reach no
RohS no




Similar Part No. - 4941A01

ManufacturerPart #DatasheetDescription
logo
KNIPEX
4941A11 KNIPEX-4941A11 Datasheet
153Kb / 2P
Precision Circlip Pliers For external circlips on shafts
05.07.2021
4941A21 KNIPEX-4941A21 Datasheet
134Kb / 2P
Precision Circlip Pliers For external circlips on shafts
05.07.2021
4941A31 KNIPEX-4941A31 Datasheet
133Kb / 2P
Precision Circlip Pliers For external circlips on shafts
05.07.2021
More results


Similar Description - 4941A01

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SX8733 SEMTECH-SX8733 Datasheet
347Kb / 24P
Precision Diode Digital Temperature For Up To 3 External Sensors
logo
Harwin Plc
Z80-300 HARWIN-Z80-300 Datasheet
69Kb / 1P
DATAMATE S-TEK CIRCLIP TOOL
logo
Grayhill, Inc
20SG2AC-G2AC-P GRAYHILL-20SG2AC-G2AC-P Datasheet
194Kb / 1P
Compact mechanical encoder with concentric shafts
logo
List of Unclassifed Man...
382-0214 ETC2-382-0214 Datasheet
139Kb / 2P
Pliers
logo
Recom International Pow...
REC20-Z RECOM-REC20-Z Datasheet
335Kb / 6P
External ON/OFF control
REC30-Z RECOM-REC30-Z Datasheet
343Kb / 6P
External ON/OFF control
logo
PHOENIX CONTACT
2744869 PHOENIX-2744869 Datasheet
82Kb / 3P
Crimping pliers, for assembling the RJ45 connectors FL PLUG RJ45, for assembly on site
logo
Schneider Electric
XACB912 SCHNEIDER-XACB912 Datasheet
98Kb / 1P
boot with circlip - for booted operator - silicone - 4 mm
Aug 17, 2019
logo
Maxtena Inc.
MEA-GPS-S MAXTENA-MEA-GPS-S Datasheet
282Kb / 1P
GPS PRECISION EXTERNAL MICROSTRIP ANTENNA
MEA-GPS-SM MAXTENA-MEA-GPS-SM Datasheet
240Kb / 1P
GPS PRECISION EXTERNAL MICROSTRIP ANTENNA
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com