Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5000210 Datasheet (PDF) - KNIPEX

5000210 Datasheet PDF - KNIPEX
Part # 5000210
Download  5000210 Download
File Size   119.78 Kbytes
Page   2 Pages
Manufacturer  KNIPEX [KNIPEX]
Direct Link  https://www.knipex.com/
Logo KNIPEX - KNIPEX
Description Carpenters Pincers

5000210 Datasheet (PDF)

Go To PDF Page Download Datasheet
5000210 Datasheet PDF - KNIPEX

Part # 5000210
Download  5000210 Click to download

File Size   119.78 Kbytes
Page   2 Pages
Manufacturer  KNIPEX [KNIPEX]
Direct Link  https://www.knipex.com/
Logo KNIPEX - KNIPEX
Description Carpenters Pincers

5000210 Datasheet (HTML) - KNIPEX


5000210 Product details

General
Article No. 50 00 210
EAN 4003773021957
Pliers black atramentized
Head polished
Weight 425 g
Dimensions 210 x 55 x 27 mm
Standard DIN ISO 9243
Reach no
RohS no




Similar Part No. - 5000210

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
5000200C ETC2-5000200C Datasheet
1Mb / 13P
TEST CLIPS INSULATORS
logo
Molex Electronics Ltd.
500024 MOLEX-500024 Datasheet
36Kb / 2P
SlimStack™
03/09/2010
500024-2481 MOLEX-500024-2481 Datasheet
36Kb / 2P
SlimStack™
03/09/2010
500024-6471 MOLEX11-500024-6471 Datasheet
373Kb / 6P
0.40mm (.016") Pitch Board-to-Board SlimStack Receptacle, Surface Mount, Dual Row
5000242481 MOLEX-5000242481 Datasheet
36Kb / 2P
SlimStack™
03/09/2010
More results





Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com