Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5500300 Datasheet (PDF) - KNIPEX

5500300 Datasheet PDF - KNIPEX
Part # 5500300
Download  5500300 Download
File Size   163.34 Kbytes
Page   1 Pages
Manufacturer  KNIPEX [KNIPEX]
Direct Link  https://www.knipex.com/
Logo KNIPEX - KNIPEX
Description Farriers Pincers (Tear-off Pliers for vehicle bodywork)

5500300 Datasheet (PDF)

Go To PDF Page Download Datasheet
5500300 Datasheet PDF - KNIPEX

Part # 5500300
Download  5500300 Click to download

File Size   163.34 Kbytes
Page   1 Pages
Manufacturer  KNIPEX [KNIPEX]
Direct Link  https://www.knipex.com/
Logo KNIPEX - KNIPEX
Description Farriers Pincers (Tear-off Pliers for vehicle bodywork)

5500300 Datasheet (HTML) - KNIPEX


5500300 Product details

General
Article No. 55 00 300
EAN 4003773039402
Pliers black atramentized
Head polished
Weight 780 g
Dimensions 300 x 48 x 26 mm
Reach no
RohS no




Similar Part No. - 5500300

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
550037 FESTO-550037 Datasheet
69Kb / 1P
Cable tie
More results


Similar Description - 5500300

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
382-0214 ETC2-382-0214 Datasheet
139Kb / 2P
Pliers
logo
Molex Electronics Ltd.
130112-0189 MOLEX11-130112-0189 Datasheet
31Kb / 1P
Tear Off Shield Cover Poly Sleeve - Twin Tube 0.05mm (.002) Thick (PACKAGE OF 10)
logo
PHOENIX CONTACT
CRIMPFOX-CX-5 PHOENIX-CRIMPFOX-CX-5 Datasheet
52Kb / 2P
Crimping pliers for processing coaxial connectors
CRIMPFOX-CX-7 PHOENIX-CRIMPFOX-CX-7 Datasheet
52Kb / 2P
Crimping pliers for processing coaxial connectors
2903110 PHOENIX-2903110 Datasheet
49Kb / 1P
SmartWire DT??pliers for device plugs
2903114 PHOENIX-2903114 Datasheet
48Kb / 1P
SmartWire DT??pliers for flat plug
logo
Nexperia B.V. All right...
PESD1IVN27-A NEXPERIA-PESD1IVN27-A Datasheet
255Kb / 13P
ESD protection for In-vehicle networks
PESD1IVN24-A NEXPERIA-PESD1IVN24-A Datasheet
255Kb / 12P
ESD protection for In-vehicle networks
logo
Pepperl+Fuchs Inc.
VAZ-FK-R-STRIPPER PF-VAZ-FK-R-STRIPPER Datasheet
102Kb / 1P
Stripping pliers
2009-03-11
logo
Nexperia B.V. All right...
PESD2ETH100-T NEXPERIA-PESD2ETH100-T Datasheet
320Kb / 14P
ESD protection for In-vehicle networks
6 October 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com