Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1528-8 Datasheet (PDF) - STMicroelectronics

1528-8 Datasheet PDF - STMicroelectronics
Part # 1528-8
Download  1528-8 Download
File Size   62.11 Kbytes
Page   4 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS

1528-8 Datasheet (PDF)

Go To PDF Page Download Datasheet
1528-8 Datasheet PDF - STMicroelectronics

Part # 1528-8
Download  1528-8 Click to download

File Size   62.11 Kbytes
Page   4 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS

1528-8 Datasheet (HTML) - STMicroelectronics


1528-8 Product details

DESCRIPTION

The SD1528-08 is a gold metallized, silicon NPN power transistor. The SD1528-08 is designed for applications requiring high peak power and low duty cycles such as IFF, DME and TACAN. The SD1528-08 is packaged in the .250” input matched

hermetic stripline flange package resulting in improved broadband performance and a low thermal resistance.



. DESIGNED FOR HIGH POWER PULSED IFF, DME, TACAN APPLICATIONS

. 20 WATTS (typ.) IFF 1030 - 1090 MHz

. 15 WATTS (min.) DME 1025 - 1150 MHz

. 15 WATTS (typ.) TACAN 960 - 1215 MHz

. 10 dB MIN. GAIN

. REFRACTORY GOLD METALLIZATION

. EMITTER BALLASTING AND LOW THERMAL RESISTANCE

. 20:1 LOAD VSWR CAPABILITY AT SPECIFIED OPERATING CONDITIONS

. INPUT MATCHED, COMMON BASE CONFIGURATION




Similar Part No. - 1528-8

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1528-1 ETC2-1528-1 Datasheet
439Kb / 1P
TURRET TERMINALS
1528-2 ETC2-1528-2 Datasheet
439Kb / 1P
TURRET TERMINALS
1528-3 ETC2-1528-3 Datasheet
439Kb / 1P
TURRET TERMINALS
1528-4 ETC2-1528-4 Datasheet
439Kb / 1P
TURRET TERMINALS
logo
STMicroelectronics
1528-6 STMICROELECTRONICS-1528-6 Datasheet
44Kb / 4P
RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
Nov-1992
More results


Similar Description - 1528-8

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AM0608-450 STMICROELECTRONICS-AM0608-450 Datasheet
82Kb / 3P
AVIONICS APPLICATIONS RF & MICROWAVE TRANSISTORS
Aug-1992
AM80912-015 STMICROELECTRONICS-AM80912-015 Datasheet
94Kb / 6P
AVIONICS APPLICATIONS RF & MICROWAVE TRANSISTORS
Mar-1994
AM80912-085 STMICROELECTRONICS-AM80912-085 Datasheet
66Kb / 5P
AVIONICS APPLICATIONS RF & MICROWAVE TRANSISTORS
Aug-1992
MSC1000M STMICROELECTRONICS-MSC1000M Datasheet
100Kb / 5P
AVIONICS APPLICATIONS RF & MICROWAVE TRANSISTORS
Oct-1992
MSC81325M STMICROELECTRONICS-MSC81325M Datasheet
73Kb / 3P
RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
Oct-1992
MSC81400M STMICROELECTRONICS-MSC81400M Datasheet
65Kb / 3P
RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
Oct-1992
SD1540-08 STMICROELECTRONICS-SD1540-08 Datasheet
72Kb / 5P
RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
Nov-1992
logo
Advanced Power Technolo...
MS2290 ADPOW-MS2290 Datasheet
94Kb / 3P
RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
MS2554 ADPOW-MS2554 Datasheet
91Kb / 3P
RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
MSC1175M ADPOW-MSC1175M Datasheet
143Kb / 4P
RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com