Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7006140 Datasheet (PDF) - KNIPEX

7006140 Datasheet PDF - KNIPEX
Part # 7006140
Download  7006140 Download
File Size   201.61 Kbytes
Page   2 Pages
Manufacturer  KNIPEX [KNIPEX]
Direct Link  https://www.knipex.com/
Logo KNIPEX - KNIPEX
Description Diagonal Cutter

7006140 Datasheet (PDF)

Go To PDF Page Download Datasheet
7006140 Datasheet PDF - KNIPEX

Part # 7006140
Download  7006140 Click to download

File Size   201.61 Kbytes
Page   2 Pages
Manufacturer  KNIPEX [KNIPEX]
Direct Link  https://www.knipex.com/
Logo KNIPEX - KNIPEX
Description Diagonal Cutter

7006140 Datasheet (HTML) - KNIPEX


7006140 Product details

General
Article No. 70 06 140
EAN 4003773040293
Pliers chrome-plated
Head chrome-plated
Handles insulated with multi-component grips, VDE-tested
Weight 160 g
Dimensions 140 x 54 x 25 mm
Standard DIN ISO 5749 DIN EN 60900 IEC 60900
Reach no
RohS no




Similar Part No. - 7006140

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
70061 ETC2-70061 Datasheet
419Kb / 4P
LINEARlight FLEX TOPLED Flexible White or Colored LED Strips
logo
Belden Inc.
70061 BELDEN-70061 Datasheet
194Kb / 2P
16 PAIR AES/EBU, 24AWG, ISTP, LSZH
12-19-2022
70061.00500 BELDEN-70061.00500 Datasheet
194Kb / 2P
16 PAIR AES/EBU, 24AWG, ISTP, LSZH
12-19-2022
logo
3M Electronics
700610 3M-700610 Datasheet
261Kb / 2P
3M Moisture Barrier Bag Dri-Shield 2000
logo
KNIPEX
7006125 KNIPEX-7006125 Datasheet
147Kb / 2P
Diagonal Cutter
05.07.2021
More results


Similar Description - 7006140

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1205862 PHOENIX-1205862 Datasheet
48Kb / 2P
Diagonal cutter - MICROFOX SC
1212206 PHOENIX-1212206 Datasheet
53Kb / 2P
Diagonal cutter - CUTFOX-SP VDE
1212487 PHOENIX-1212487 Datasheet
49Kb / 2P
Diagonal cutter - MICROFOX-SP-1
1212488 PHOENIX-1212488 Datasheet
49Kb / 2P
Diagonal cutter - MICROFOX-SP
1212489 PHOENIX-1212489 Datasheet
49Kb / 2P
Diagonal cutter - MICROFOX-SB
1212494 PHOENIX-1212494 Datasheet
49Kb / 2P
Diagonal cutter - MICROFOX-E
1212805 PHOENIX-1212805 Datasheet
43Kb / 2P
Diagonal cutter - MICROFOX-SB_DB
1212806 PHOENIX-1212806 Datasheet
43Kb / 2P
Diagonal cutter - MICROFOX-SP_DB
1212832 PHOENIX-1212832 Datasheet
42Kb / 2P
Diagonal cutter - CUTFOX-SE
1212833 PHOENIX-1212833 Datasheet
43Kb / 2P
Diagonal cutter - CUTFOX-SE LM
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com