Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSY-T67B Datasheet (PDF) - ams-OSRAM AG

LSY-T67B Datasheet PDF - ams-OSRAM AG
Part # LSY-T67B
Download  LSY-T67B Download
File Size   429.22 Kbytes
Page   15 Pages
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG
Description Multi TOPLED®

LSY-T67B Datasheet (PDF)

Go To PDF Page Download Datasheet
LSY-T67B Datasheet PDF - ams-OSRAM AG

Part # LSY-T67B
Download  LSY-T67B Click to download

File Size   429.22 Kbytes
Page   15 Pages
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG
Description Multi TOPLED®

LSY-T67B Datasheet (HTML) - ams-OSRAM AG


LSY-T67B Product details

Features
•package: white P-LCC-4 package, colorless clear resin
•feature of the device: more light due to higher optical efficiency
•wavelength: 633 nm (super-red), 587 nm (yellow)
•viewing angle: Lambertian Emitter (120°)
•technology: InGaAlP
•optical efficiency: 14 lm/W (super-red), 20 lm/W (yellow)
•grouping parameter: luminous intensity, wavelength
•assembly methods: suitable for all SMT assembly methods
•soldering methods: IR reflow soldering and TTW soldering
•preconditioning: acc. to JEDEC Level 2
•taping: 8 mm tape with 2000/reel, ø180 mm or 8000/reel, ø330 mm
•ESD-withstand voltage: up to 2 kV acc. to JESD22-A114-D
Applications
•optical indicators
•backlighting (LCD, switches, keys, displays, illuminated advertising, general lighting)




Similar Part No. - LSY-T67B

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LSY-T67B OSRAM-LSY-T67B Datasheet
429Kb / 15P
white P-LCC-4 package, colorless clear resin
More results


Similar Description - LSY-T67B

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
LSGT670 SIEMENS-LSGT670 Datasheet
491Kb / 8P
Multi TOPLED
LSPBT670 SIEMENS-LSPBT670 Datasheet
663Kb / 9P
Multi TOPLED
LSST670 SIEMENS-LSST670 Datasheet
490Kb / 8P
Multi TOPLED
logo
OSRAM GmbH
LSGT670 OSRAM-LSGT670 Datasheet
84Kb / 9P
Multi TOPLED
LSGT67K OSRAM-LSGT67K Datasheet
550Kb / 18P
Multi TOPLED
logo
ams AG
LBM673 AMSCO-LBM673 Datasheet
1Mb / 22P
Mini TOPLED®
Version 1.7 2022-08-03
LOT776 AMSCO-LOT776 Datasheet
1Mb / 22P
TOPLED® Reverse Gullwing
Version 1.2 2019-07-16
LYM67F.01 AMSCO-LYM67F.01 Datasheet
1Mb / 22P
Mini TOPLED®
Version 1.1 2023-06-22
LYT776 AMSCO-LYT776 Datasheet
1Mb / 22P
TOPLED® Reverse Gullwing
Version 1.2 2019-07-16
LGM676 AMSCO-LGM676 Datasheet
1Mb / 22P
Mini TOPLED®
Version 1.4 2019-07-16
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com