Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD27025F Datasheet (PDF) - PEAK electronics GmbH

PD27025F Datasheet PDF - PEAK electronics GmbH
Part # PD27025F
Download  PD27025F Download
File Size   1787.76 Kbytes
Page   4 Pages
Manufacturer  PEAK [PEAK electronics GmbH]
Direct Link  http://www.peak-electronics.de
Logo PEAK - PEAK electronics GmbH
Description 25 W, 2.5GHz - 2.7GHz , N-Channel E-Mode, Lateral MOSFET

PD27025F Datasheet (PDF)

Go To PDF Page Download Datasheet
PD27025F Datasheet PDF - PEAK electronics GmbH

Part # PD27025F
Download  PD27025F Click to download

File Size   1787.76 Kbytes
Page   4 Pages
Manufacturer  PEAK [PEAK electronics GmbH]
Direct Link  http://www.peak-electronics.de
Logo PEAK - PEAK electronics GmbH
Description 25 W, 2.5GHz - 2.7GHz , N-Channel E-Mode, Lateral MOSFET

PD27025F Datasheet (HTML) - PEAK electronics GmbH


PD27025F Product details

Introduction
The PD27025F is a high-voltage, gold-metalized, laterally diffused metal oxide semiconductor (2.5GHz - 2.7GHz Class AB wireless base station LDMOS) RF power transistor suitable for amplifier applications.

Features
• Application Specific Performance, 2.7 GHz
    • Typical 2-Tone Performance Average Load Power – 12.5 W ηD – 30% Power Gain – 11.5 dB IMD3: -30dBc @ -100kHz/ +100KHz
    • Typical CW Performance Average Load Power – 25 W ηD – 38% Power Gain – 11.0 dB




Similar Part No. - PD27025F

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
PD27025F TRIQUINT-PD27025F Datasheet
278Kb / 3P
25 W, 2.5GHz - 2.7GHz , N-Channel E-Mode, Lateral MOSFET
More results


Similar Description - PD27025F

ManufacturerPart #DatasheetDescription
logo
PEAK electronics GmbH
AGR09045E PEAK-AGR09045E Datasheet
340Kb / 8P
45 W, 865 MHz-895 MHz, N-Channel E-Mode, Lateral MOSFET
PD25025F PEAK-PD25025F Datasheet
1Mb / 4P
25 W, 2.3GHz - 2.5GHz , N-Channel E-Mode, Lateral MOSFET
logo
TriQuint Semiconductor
AGR09030E TRIQUINT-AGR09030E Datasheet
337Kb / 7P
30 W, 865 MHz-895 MHz, N-Channel E-Mode, Lateral MOSFET
AGR09085E TRIQUINT-AGR09085E Datasheet
354Kb / 8P
85 W, 865 MHz-895 MHz, N-Channel E-Mode, Lateral MOSFET
AGR09090EF TRIQUINT-AGR09090EF Datasheet
515Kb / 14P
90 W, 865 MHz-960 MHz, N-Channel E-Mode, Lateral MOSFET
AGR21030EF TRIQUINT-AGR21030EF Datasheet
371Kb / 9P
30 W, 2.110 GHz-2.170 GHz, N-Channel E-Mode, Lateral MOSFET
AGR21090E TRIQUINT-AGR21090E Datasheet
427Kb / 9P
90 W, 2.110 GHz-2.170 GHz, N-Channel E-Mode, Lateral MOSFET
AGR21180EF TRIQUINT-AGR21180EF Datasheet
384Kb / 10P
180 W, 2.110 GHz-2.170 GHz, N-Channel E-Mode, Lateral MOSFET
PD25025F TRIQUINT-PD25025F Datasheet
278Kb / 3P
25 W, 2.3GHz - 2.5GHz , N-Channel E-Mode, Lateral MOSFET
PD27025F TRIQUINT-PD27025F Datasheet
278Kb / 3P
25 W, 2.5GHz - 2.7GHz , N-Channel E-Mode, Lateral MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com