Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T18L Datasheet (PDF) - HellermannTyton.

T18L Datasheet PDF - HellermannTyton.
Part # T18L
Download  T18L Download
File Size   204.21 Kbytes
Page   4 Pages
Manufacturer  HELLERMANNTYTON [HellermannTyton.]
Direct Link  https://www.hellermanntyton.us/
Logo HELLERMANNTYTON - HellermannTyton.
Description Cable ties for temperatures up to 105°C (heatstabilised)

T18L Datasheet (PDF)

Go To PDF Page Download Datasheet
T18L Datasheet PDF - HellermannTyton.

Part # T18L
Download  T18L Click to download

File Size   204.21 Kbytes
Page   4 Pages
Manufacturer  HELLERMANNTYTON [HellermannTyton.]
Direct Link  https://www.hellermanntyton.us/
Logo HELLERMANNTYTON - HellermannTyton.
Description Cable ties for temperatures up to 105°C (heatstabilised)

T18L Datasheet (HTML) - HellermannTyton.


T18L Product details

Features and benefits
• Heat stabilised cable ties (PA66HS) for temperatures up to +105 °C
• Available in a wide range of sizes to cover almost every application
• Inside serration provides a strong hold onto bundles
• Manual and/or pneumatic tools available for greater process reliability
• Commonly offered in natural and black, other colours available on
request




Similar Part No. - T18L

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
T18L ETC2-T18L Datasheet
701Kb / 2P
Military Spectification Ties
logo
HellermannTyton.
T18L HELLERMANNTYTON-T18L Datasheet
205Kb / 4P
Cable Ties and Fixings Cable Ties Inside Serrated
10/2017
T18L HELLERMANNTYTON-T18L Datasheet
201Kb / 4P
Cable ties for outdoor use (UV-resistant)
December 2021
T18L HELLERMANNTYTON-T18L Datasheet
212Kb / 4P
Features and benefits
December 2021
T18L HELLERMANNTYTON-T18L Datasheet
2Mb / 10P
Cable Ties inside serrated
April 2011
More results


Similar Description - T18L

ManufacturerPart #DatasheetDescription
logo
RFE international
RXF RFE-RXF Datasheet
100Kb / 1P
ALUMINUM ELECTROLYTIC CAPACITORS RXF Series: 105 C up to 10,000 hours
logo
List of Unclassifed Man...
481-0102UV ETC2-481-0102UV Datasheet
115Kb / 2P
Nylon Cable Ties
481-0300 ETC2-481-0300 Datasheet
106Kb / 2P
Releasable Cable Ties
481-0500 ETC2-481-0500 Datasheet
118Kb / 2P
Identification Cable Ties
logo
Amphenol Corporation
P-MUSBR-AHD2-XX1XX AMPHENOL-P-MUSBR-AHD2-XX1XX Datasheet
250Kb / 3P
TO ORDER CABLE TIES SEPARATELY
logo
3M Electronics
CT4BK18-C 3M-CT4BK18-C Datasheet
113Kb / 5P
3M™ Cable Ties
Rev N
logo
HellermannTyton.
LPH175 HELLERMANNTYTON-LPH175 Datasheet
165Kb / 3P
Cable Ties and Fixings Cable Ties Outside Serrated
EVO7 HELLERMANNTYTON-EVO7 Datasheet
188Kb / 1P
Application Tooling for Cable Ties
January 2014
logo
PANDUIT CORP.
ESV10-ESV14-Q PANDUIT-ESV10-ESV14-Q Datasheet
2Mb / 12P
Terminals & Cable Ties
1/2018
logo
HellermannTyton.
111-02110 HELLERMANNTYTON-111-02110 Datasheet
205Kb / 4P
Cable Ties and Fixings Cable Ties Inside Serrated
10/2017
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com