Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T30R Datasheet (PDF) - HellermannTyton.

T30R Datasheet PDF - HellermannTyton.
Part # T30R
Download  T30R Download
File Size   204.21 Kbytes
Page   4 Pages
Manufacturer  HELLERMANNTYTON [HellermannTyton.]
Direct Link  https://www.hellermanntyton.us/
Logo HELLERMANNTYTON - HellermannTyton.
Description Cable ties for temperatures up to 105°C (heatstabilised)

T30R Datasheet (PDF)

Go To PDF Page Download Datasheet
T30R Datasheet PDF - HellermannTyton.

Part # T30R
Download  T30R Click to download

File Size   204.21 Kbytes
Page   4 Pages
Manufacturer  HELLERMANNTYTON [HellermannTyton.]
Direct Link  https://www.hellermanntyton.us/
Logo HELLERMANNTYTON - HellermannTyton.
Description Cable ties for temperatures up to 105°C (heatstabilised)

T30R Datasheet (HTML) - HellermannTyton.


T30R Product details

Features and benefits
• Heat stabilised cable ties (PA66HS) for temperatures up to +105 °C
• Available in a wide range of sizes to cover almost every application
• Inside serration provides a strong hold onto bundles
• Manual and/or pneumatic tools available for greater process reliability
• Commonly offered in natural and black, other colours available on
request




Similar Part No. - T30R

ManufacturerPart #DatasheetDescription
logo
HellermannTyton.
T30R HELLERMANNTYTON-T30R Datasheet
205Kb / 4P
Cable Ties and Fixings Cable Ties Inside Serrated
10/2017
T30R HELLERMANNTYTON-T30R Datasheet
165Kb / 3P
Cable ties for temperatures up to 150 °C (5000 h) in polyamide 4.6
December 2021
T30R HELLERMANNTYTON-T30R Datasheet
151Kb / 3P
Polypropylene cable ties for higher chemical resistance and temperatures up to 115 °C
December 2021
T30R HELLERMANNTYTON-T30R Datasheet
201Kb / 4P
Cable ties for outdoor use (UV-resistant)
December 2021
T30R HELLERMANNTYTON-T30R Datasheet
212Kb / 4P
Features and benefits
December 2021
More results


Similar Description - T30R

ManufacturerPart #DatasheetDescription
logo
RFE international
RXF RFE-RXF Datasheet
100Kb / 1P
ALUMINUM ELECTROLYTIC CAPACITORS RXF Series: 105 C up to 10,000 hours
logo
List of Unclassifed Man...
481-0102UV ETC2-481-0102UV Datasheet
115Kb / 2P
Nylon Cable Ties
481-0300 ETC2-481-0300 Datasheet
106Kb / 2P
Releasable Cable Ties
481-0500 ETC2-481-0500 Datasheet
118Kb / 2P
Identification Cable Ties
logo
Amphenol Corporation
P-MUSBR-AHD2-XX1XX AMPHENOL-P-MUSBR-AHD2-XX1XX Datasheet
250Kb / 3P
TO ORDER CABLE TIES SEPARATELY
logo
3M Electronics
CT4BK18-C 3M-CT4BK18-C Datasheet
113Kb / 5P
3M™ Cable Ties
Rev N
logo
HellermannTyton.
LPH175 HELLERMANNTYTON-LPH175 Datasheet
165Kb / 3P
Cable Ties and Fixings Cable Ties Outside Serrated
EVO7 HELLERMANNTYTON-EVO7 Datasheet
188Kb / 1P
Application Tooling for Cable Ties
January 2014
logo
PANDUIT CORP.
ESV10-ESV14-Q PANDUIT-ESV10-ESV14-Q Datasheet
2Mb / 12P
Terminals & Cable Ties
1/2018
logo
HellermannTyton.
111-02110 HELLERMANNTYTON-111-02110 Datasheet
205Kb / 4P
Cable Ties and Fixings Cable Ties Inside Serrated
10/2017
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com