Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T18R Datasheet (PDF) - HellermannTyton.

T18R Datasheet PDF - HellermannTyton.
Part # T18R
Download  T18R Download
File Size   2079.83 Kbytes
Page   10 Pages
Manufacturer  HELLERMANNTYTON [HellermannTyton.]
Direct Link  https://www.hellermanntyton.us/
Logo HELLERMANNTYTON - HellermannTyton.
Description Cable Ties inside serrated

T18R Datasheet (PDF)

Go To PDF Page Download Datasheet
T18R Datasheet PDF - HellermannTyton.

Part # T18R
Download  T18R Click to download

File Size   2079.83 Kbytes
Page   10 Pages
Manufacturer  HELLERMANNTYTON [HellermannTyton.]
Direct Link  https://www.hellermanntyton.us/
Logo HELLERMANNTYTON - HellermannTyton.
Description Cable Ties inside serrated

T18R Datasheet (HTML) - HellermannTyton.


T18R Product details

Features and Benefits
Available in a wide range of materials, these
cable ties all feature internal serrations
allowing for a positive hold onto cable, hose
and pipe bundles. The design of the head
guarantees a high tensile strength whilst
allowing a very low insertion force, this,
combined with the bent tail design of many
of the ties, ensures a simple and quick
installation. Whilst easily installed by hand,
manual and pneumatic (for high volume
applications) tensioning tools are available
to ensure a consistent and safe installation.

Application
For the routing, bundling and securing of
cables, pipes and hoses.




Similar Part No. - T18R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
T18R ETC2-T18R Datasheet
701Kb / 2P
Military Spectification Ties
logo
HellermannTyton.
T18R HELLERMANNTYTON-T18R Datasheet
205Kb / 4P
Cable Ties and Fixings Cable Ties Inside Serrated
10/2017
T18R HELLERMANNTYTON-T18R Datasheet
165Kb / 3P
Cable ties for temperatures up to 150 °C (5000 h) in polyamide 4.6
December 2021
T18R HELLERMANNTYTON-T18R Datasheet
151Kb / 3P
Polypropylene cable ties for higher chemical resistance and temperatures up to 115 °C
December 2021
T18R HELLERMANNTYTON-T18R Datasheet
204Kb / 4P
Cable ties for temperatures up to 105°C (heatstabilised)
December 2021
More results


Similar Description - T18R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
481-0102UV ETC2-481-0102UV Datasheet
115Kb / 2P
Nylon Cable Ties
481-0300 ETC2-481-0300 Datasheet
106Kb / 2P
Releasable Cable Ties
481-0500 ETC2-481-0500 Datasheet
118Kb / 2P
Identification Cable Ties
logo
OEN India Limited
04-0550RLX OENINDIA-04-0550RLX Datasheet
49Kb / 1P
Releasable Nylon Cable Ties
logo
3M Electronics
CT4BK18-C 3M-CT4BK18-C Datasheet
113Kb / 5P
3M™ Cable Ties
Rev N
logo
HellermannTyton.
151-16500 HELLERMANNTYTON-151-16500 Datasheet
173Kb / 3P
Cable Ties and Fixings
10/2017
LPH175 HELLERMANNTYTON-LPH175 Datasheet
165Kb / 3P
Cable Ties and Fixings Cable Ties Outside Serrated
logo
PANDUIT CORP.
ESV10-ESV14-Q PANDUIT-ESV10-ESV14-Q Datasheet
2Mb / 12P
Terminals & Cable Ties
1/2018
logo
Heyco.
12864B HEYCO-12864B Datasheet
91Kb / 1P
Stainless Steel Cable Ties
logo
HellermannTyton.
111-02110 HELLERMANNTYTON-111-02110 Datasheet
205Kb / 4P
Cable Ties and Fixings Cable Ties Inside Serrated
10/2017
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com