Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7122200 Datasheet (PDF) - KNIPEX

7122200 Datasheet PDF - KNIPEX
Part # 7122200
Download  7122200 Download
File Size   181.2 Kbytes
Page   2 Pages
Manufacturer  KNIPEX [KNIPEX]
Direct Link  https://www.knipex.com/
Logo KNIPEX - KNIPEX
Description KNIPEX CoBolt® Compact Bolt Cutter

7122200 Datasheet (PDF)

Go To PDF Page Download Datasheet
7122200 Datasheet PDF - KNIPEX

Part # 7122200
Download  7122200 Click to download

File Size   181.2 Kbytes
Page   2 Pages
Manufacturer  KNIPEX [KNIPEX]
Direct Link  https://www.knipex.com/
Logo KNIPEX - KNIPEX
Description KNIPEX CoBolt® Compact Bolt Cutter

7122200 Datasheet (HTML) - KNIPEX


7122200 Product details

General
Article No. 71 22 200
EAN 4003773066873
Pliers black atramentized
Handles with slim multi-component grips
Weight 375 g
Dimensions 200 x 62 x 24 mm
Reach yes
RohS no




Similar Part No. - 7122200

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
71222 ETC2-71222 Datasheet
346Kb / 1P
Dura Torsion Insert and Power Bits
logo
FCI connector
71222-XYYH FCI-CONNECTOR-71222-XYYH Datasheet
664Kb / 8P
BERGSTIK II HEADER D/R 100/2.52cc STRAIGHT
More results


Similar Description - 7122200

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0690080350 MOLEX11-0690080350 Datasheet
36Kb / 1P
Wafer Cutter
logo
PHOENIX CONTACT
1212831 PHOENIX-1212831 Datasheet
45Kb / 2P
Diagonal cutter - CUTFOX-SP BOLT VDE
5145339 PHOENIX-5145339 Datasheet
50Kb / 2P
Cutter - THERMOMARK S1-CUTTER
09/12/2020
logo
Molex Electronics Ltd.
69008-0350 MOLEX-69008-0350 Datasheet
35Kb / 3P
HANDTOOL HEADER CUTTER
04.03.15
logo
Lapp.
55503624 LAPP-55503624 Datasheet
116Kb / 2P
SILVYN® FCE COMPACT
03.07.2018
61803800 LAPP-61803800 Datasheet
99Kb / 1P
SILVYN® COMPACT M
26.11.2018
61803808 LAPP-61803808 Datasheet
110Kb / 2P
SILVYN® COMPACT 90° M
03.07.2018
61803816 LAPP-61803816 Datasheet
106Kb / 1P
SILVYN® COMPACT PG
03.07.2018
61803832 LAPP-61803832 Datasheet
105Kb / 1P
SILVYN® COMPACT NPT
03.07.2018
61803850 LAPP-61803850 Datasheet
110Kb / 2P
SILVYN® COMPACT 45° M
13.03.2019
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com