Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7401140 Datasheet (PDF) - KNIPEX

7401140 Datasheet PDF - KNIPEX
Part # 7401140
Download  7401140 Download
File Size   136.09 Kbytes
Page   2 Pages
Manufacturer  KNIPEX [KNIPEX]
Direct Link  https://www.knipex.com/
Logo KNIPEX - KNIPEX
Description High Leverage Diagonal Cutter

7401140 Datasheet (PDF)

Go To PDF Page Download Datasheet
7401140 Datasheet PDF - KNIPEX

Part # 7401140
Download  7401140 Click to download

File Size   136.09 Kbytes
Page   2 Pages
Manufacturer  KNIPEX [KNIPEX]
Direct Link  https://www.knipex.com/
Logo KNIPEX - KNIPEX
Description High Leverage Diagonal Cutter

7401140 Datasheet (HTML) - KNIPEX


7401140 Product details

General
Article No. 74 01 140
EAN 4003773039747
Pliers black atramentized
Head polished
Handles plastic coated
Weight 131 g
Dimensions 140 x 52 x 15 mm
Standard DIN ISO 5749
Reach no
RohS no




Similar Part No. - 7401140

ManufacturerPart #DatasheetDescription
logo
KNIPEX
7401160 KNIPEX-7401160 Datasheet
135Kb / 2P
High Leverage Diagonal Cutter
05.07.2021
7401180 KNIPEX-7401180 Datasheet
135Kb / 2P
High Leverage Diagonal Cutter
05.07.2021
logo
Belden Inc.
74011E BELDEN-74011E Datasheet
175Kb / 3P
DataTuff® 6A, 4PR #23 Str BC, PO ins, S/FTP, PVC jkt, PROFINET Type B, AWM 21292
2022 Belden, Inc
74011E.00100 BELDEN-74011E.00100 Datasheet
175Kb / 3P
DataTuff® 6A, 4PR #23 Str BC, PO ins, S/FTP, PVC jkt, PROFINET Type B, AWM 21292
2022 Belden, Inc
74011E.00500 BELDEN-74011E.00500 Datasheet
175Kb / 3P
DataTuff® 6A, 4PR #23 Str BC, PO ins, S/FTP, PVC jkt, PROFINET Type B, AWM 21292
2022 Belden, Inc
More results


Similar Description - 7401140

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1205862 PHOENIX-1205862 Datasheet
48Kb / 2P
Diagonal cutter - MICROFOX SC
1212206 PHOENIX-1212206 Datasheet
53Kb / 2P
Diagonal cutter - CUTFOX-SP VDE
1212487 PHOENIX-1212487 Datasheet
49Kb / 2P
Diagonal cutter - MICROFOX-SP-1
1212488 PHOENIX-1212488 Datasheet
49Kb / 2P
Diagonal cutter - MICROFOX-SP
1212489 PHOENIX-1212489 Datasheet
49Kb / 2P
Diagonal cutter - MICROFOX-SB
1212494 PHOENIX-1212494 Datasheet
49Kb / 2P
Diagonal cutter - MICROFOX-E
1212805 PHOENIX-1212805 Datasheet
43Kb / 2P
Diagonal cutter - MICROFOX-SB_DB
1212806 PHOENIX-1212806 Datasheet
43Kb / 2P
Diagonal cutter - MICROFOX-SP_DB
1212832 PHOENIX-1212832 Datasheet
42Kb / 2P
Diagonal cutter - CUTFOX-SE
1212833 PHOENIX-1212833 Datasheet
43Kb / 2P
Diagonal cutter - CUTFOX-SE LM
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com