Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1394-99-6 Datasheet (PDF) - StarTech.com Ltd.

1394-99-6 Datasheet PDF - StarTech.com Ltd.
Part # 1394-99-6
Download  1394-99-6 Download
File Size   119.31 Kbytes
Page   3 Pages
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.
Description 6 ft 1394b 9 Pin to 9 Pin Firewire 800 Cable M/M

1394-99-6 Datasheet (PDF)

Go To PDF Page Download Datasheet
1394-99-6 Datasheet PDF - StarTech.com Ltd.

Part # 1394-99-6
Download  1394-99-6 Click to download

File Size   119.31 Kbytes
Page   3 Pages
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.
Description 6 ft 1394b 9 Pin to 9 Pin Firewire 800 Cable M/M

1394-99-6 Datasheet (HTML) - StarTech.com Ltd.


1394-99-6 Product details

Applications
• Ideal for Mass storage, Digital Video (DV), Digital Audio, Digital
Cameras, Printers, Scanners, Home entertainment and other
Networking products
• Connect multiple FireWire 800(1394b) compliant devices together

Features
• Fast data transfer rate of up to 800 Mbits/sec
• Hot Pluggable feature allows swapping of live devices without turning
off your computer
• Compliant with FireWire800 and 1394b standards
• Compatible with all 1394b PC FireWire, Apple FireWire, and Sony
iLink devices
• Supports a daisy-chain of up to 63 fireWire devices
• 9-pin cable draws power from FireWire bus
• Highest quality shielding protects from EMI (electromagnetic
interference) noise
• Twisted Pair Construction




Similar Part No. - 1394-99-6

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1394 MACOM-1394 Datasheet
1Mb / 22P
Easy connections to equipment
logo
TE Connectivity Ltd
1394026-1 TEC-1394026-1 Datasheet
1Mb / 2P
AMP MCP 9.5 TWO POSITION CONNECTORS
1394026-2 TEC-1394026-2 Datasheet
1Mb / 2P
AMP MCP 9.5 TWO POSITION CONNECTORS
1394132-1 TEC-1394132-1 Datasheet
18Mb / 260P
Timer Interconnection System for the Automotive Industry
1394132-1 TEC-1394132-1 Datasheet
5Mb / 164P
CONNECTOR SELECTOR
More results


Similar Description - 1394-99-6

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
F015006 TRIPPLITE-F015006 Datasheet
485Kb / 2P
FireWire 800 IEEE 1394b Hi-speed Cable (9pin-9pin M-M) 6-ft
F017006 TRIPPLITE-F017006 Datasheet
486Kb / 2P
FireWire 800 IEEE 1394b Hi-speed Cable (9pin-6pin M-M) 6-ft
F017010 TRIPPLITE-F017010 Datasheet
486Kb / 2P
FireWire 800 IEEE 1394b Hi-speed Cable (9pin-6pin M-M) 10-ft
F019006 TRIPPLITE-F019006 Datasheet
483Kb / 2P
FireWire 800 IEEE 1394b Hi-speed Cable (9pin-4pin M-M) 6-ft
F019010 TRIPPLITE-F019010 Datasheet
482Kb / 2P
FireWire 800 IEEE 1394b Hi-speed Cable (9pin-4pin M-M) 10-ft
F015-006 TRIPPLITE-F015-006 Datasheet
157Kb / 2P
FireWire 800 IEEE 1394b Hi-speed Cable (9pin/9pin M/M) 6-ft.
F015-010 TRIPPLITE-F015-010 Datasheet
157Kb / 2P
FireWire 800 IEEE 1394b Hi-speed Cable (9pin/9pin M/M) 10-ft.
F017-006 TRIPPLITE-F017-006 Datasheet
158Kb / 2P
FireWire 800 IEEE 1394b Hi-speed Cable (9pin/6pin M/M) 6-ft.
F017-010 TRIPPLITE-F017-010 Datasheet
158Kb / 2P
FireWire 800 IEEE 1394b Hi-speed Cable (9pin/6pin M/M) 10-ft.
F019-006 TRIPPLITE-F019-006 Datasheet
157Kb / 2P
FireWire 800 IEEE 1394b Hi-speed Cable (9pin/4pin M/M) 6-ft.
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com