Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2P6GR-PCIE-SATA-CARD Datasheet (PDF) - StarTech.com Ltd.

2P6GR-PCIE-SATA-CARD Datasheet PDF - StarTech.com Ltd.
Part # 2P6GR-PCIE-SATA-CARD
Download  2P6GR-PCIE-SATA-CARD Download
File Size   163.5 Kbytes
Page   5 Pages
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.
Description SATA PCIe Card - 2 Port PCIe SATA Expansion Card - 6Gbps - Full/Low Profile - PCI Express to SATA Adapter/Controller - ASM1062R SATA RAID - PCIe to SATA Converter

2P6GR-PCIE-SATA-CARD Datasheet (PDF)

Go To PDF Page Download Datasheet
2P6GR-PCIE-SATA-CARD Datasheet PDF - StarTech.com Ltd.

Part # 2P6GR-PCIE-SATA-CARD
Download  2P6GR-PCIE-SATA-CARD Click to download

File Size   163.5 Kbytes
Page   5 Pages
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.
Description SATA PCIe Card - 2 Port PCIe SATA Expansion Card - 6Gbps - Full/Low Profile - PCI Express to SATA Adapter/Controller - ASM1062R SATA RAID - PCIe to SATA Converter

2P6GR-PCIE-SATA-CARD Datasheet (HTML) - StarTech.com Ltd.


2P6GR-PCIE-SATA-CARD Product details

Applications
• Add two 6Gbps drives to your desktop computer or server
• Manage your drives and build hardware RAID arrays in RAID 0, RAID 1, SPAN or JBOD configurations

Features
• HIGH-PERFORMANCE: Add two SATA III 6Gbps ports to your desktop computer or server using a PCI Express x2
slot to connect SATA drives (HDD/SSD); 6Gbps per port; Built-in hardware RAID controller to off-load host CPU for
maximum performance
• VERSATILE HARDWARE RAID CONFIGURATIONS: The PCIe card supports Hardware RAID modes: RAID
0/RAID 1/SPAN (Big Disk); The card can also be used without RAID in JBOD (Just a Bunch of Disks) supporting
HDD, SSD, and Optical Disk Drives (Blu-Ray/DVD/CD ROM/RW)
• COMPATIBILITY: PCIe 2.0; Plug-and-play setup on Windows (7+), macOS (10.10+), Linux (2.6.32+); OS booting
on Windows & Linux for BIOS level RAID setup/config; Incl Windows app for OS level RAID setup/config &
monitoring; Software RAID only on macOS
• APPLICATIONS: Setup in full or low-profile PCI-e slot (full-profile bracket installed, low-profile incl); Ideal for
laboratories, performance CAD or Audio/Video work stations, data banks & schools; Upgrade computer systems with
Hardware RAID & SATA 6Gbps
• STARTECH.COM ADVANTAGE: IT professionals choice for over 30 years; This SATA PCIe expansion adapter
controller card converter is backed for life by StarTech.com, including free 24/5 North America based multi-lingual




Similar Part No. - 2P6GR-PCIE-SATA-CARD

ManufacturerPart #DatasheetDescription
logo
NEC
2P6M NEC-2P6M Datasheet
396Kb / 1P
2A PLASTIC MOLDED THYRISTOR
2P6M NEC-2P6M Datasheet
311Kb / 1P
Opto-Electronic Devices(NEPOC)
logo
Tiger Electronic Co.,Lt...
2P6M TGS-2P6M Datasheet
57Kb / 1P
Triacs sensitive gate
logo
Inchange Semiconductor ...
2P6M ISC-2P6M Datasheet
129Kb / 1P
Electric blanket,electronic jar,various temperature
logo
HAOPIN MICROELECTRONICS...
2P6M HAOPIN-2P6M Datasheet
669Kb / 5P
Blocking voltage to 600 V
More results


Similar Description - 2P6GR-PCIE-SATA-CARD

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
SAS9266-4I AVAGO-SAS9266-4I Datasheet
253Kb / 2P
PCI Express SATASAS RAID Controller
SAS9266-8I AVAGO-SAS9266-8I Datasheet
576Kb / 2P
PCI Express SATASAS RAID Controller
SAS9341 AVAGO-SAS9341 Datasheet
254Kb / 2P
PCIe 3.0 SATASAS RAID Controllers
SAS9750-4I4E AVAGO-SAS9750-4I4E Datasheet
373Kb / 3P
Express SATASAS RAID Controller
SAS9750-16I4E AVAGO-SAS9750-16I4E Datasheet
372Kb / 2P
Express SATASAS RAID Controller
SAS9750-24I4E AVAGO-SAS9750-24I4E Datasheet
429Kb / 2P
PCI Express SATASAS RAID Controller
logo
Advantech Co., Ltd.
EMIO-200SA-MP01E ADVANTECH-EMIO-200SA-MP01E Datasheet
689Kb / 1P
PCIe to 2-Ch SATA III Port Module
logo
List of Unclassifed Man...
ASM1061 ETC2-ASM1061 Datasheet
341Kb / 19P
SATA 6Gbps Controller
logo
Microchip Technology
3100 MICROCHIP-3100 Datasheet
1Mb / 2P
12 Gbps PCIe Gen3 SAS/SATA RAID Adapters
logo
Advantech Co., Ltd.
EMIO-200SA ADVANTECH-EMIO-200SA Datasheet
688Kb / 1P
PCIe to 2-Ch SATA III Port Module
24-Feb-2016
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com