Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4K30-HDMI-CAPTURE Datasheet (PDF) - StarTech.com Ltd.

4K30-HDMI-CAPTURE Datasheet PDF - StarTech.com Ltd.
Part # 4K30-HDMI-CAPTURE
Download  4K30-HDMI-CAPTURE Download
File Size   126.18 Kbytes
Page   4 Pages
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.
Description USB 3.0 HDMI Video Capture Device, 4K 30Hz Video Capture Adapter/External USB Capture Card,UVC, Live Stream, Screen Recorder, Works w/ USB-A, USB-C, TB3 - Windows/Mac/Ubuntu

4K30-HDMI-CAPTURE Datasheet (PDF)

Go To PDF Page Download Datasheet
4K30-HDMI-CAPTURE Datasheet PDF - StarTech.com Ltd.

Part # 4K30-HDMI-CAPTURE
Download  4K30-HDMI-CAPTURE Click to download

File Size   126.18 Kbytes
Page   4 Pages
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.
Description USB 3.0 HDMI Video Capture Device, 4K 30Hz Video Capture Adapter/External USB Capture Card,UVC, Live Stream, Screen Recorder, Works w/ USB-A, USB-C, TB3 - Windows/Mac/Ubuntu

4K30-HDMI-CAPTURE Datasheet (HTML) - StarTech.com Ltd.


4K30-HDMI-CAPTURE Product details

Applications
• Capture meetings, presentations, or conference calls directly to your computer
• Live stream content for community events, education, or houses of worship
• Works with 3rd party software that supports Directshow/Quicktime

Features
• PERFORMANCE: The HDMI Video Capture Device records up to 4K 30Hz HDMI Captures up to 2160p 30fps,
1440p 60fps, or 1080p 120fps 2ch 16 bit PCM audio support 32KHz/44.1KHz/48KHz sampling rate HDCP 1.4
compliant, does not capture protected content
• USB VIDEO CLASS: UVC ensures driverless, automatic install in Windows, macOS, and Ubuntu The External USB
Capture Card is compatible with DirectShow/QuickTime applications (OBS, Xsplit and VLC) H.264/H.265 software
encoding (MPEG4/MJPEG/YUY2)
• APPLICATIONS: Record conference calls, presentations, security feeds or training videos using 3rd party software
Live stream for education, corporate presentations, or houses of worship on platforms with RTSP/RTMP Capture
video camera, DSLR or webcams
• PORTABLE & BUS POWERED: Durable, compact, and lightweight aluminum video capture adapter Ideal for
media rooms, classrooms or recording studios Connects directly to a laptop or desktop 16inch (40cm) USB 3.2 Gen
1 USB-A and USB-C cables included
• COMPATIBILITY: This screen recorder works with Windows (7 & up), macOS (10.14 & up) and Ubuntu (20.04 & up)
Works w/ Thunderbolt 3 Works with video editing and collaboration software such as Teams, Google Hangouts,
Zoom, Adobe Connect, and GoToMeeting





Similar Description - 4K30-HDMI-CAPTURE

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
DVP-1412E ADVANTECH-DVP-1412E Datasheet
376Kb / 1P
1-ch USB MPEG-4 Video Capture Module with SDK
DSP-8601 ADVANTECH-DSP-8601_14 Datasheet
825Kb / 2P
1-ch H.264 USB Video Capture Module with SDK
logo
Tripp Lite. All Rights ...
U444-06N-H4GU-C TRIPPLITE-U444-06N-H4GU-C Datasheet
518Kb / 2P
USB 3.1 Gen 1 USB-C to HDMI External Video Adapter with USB-A Hub, USB-C Charging Port & Gigabit Ethernet Port, 4K x 2K
U444-06N-H4U-C TRIPPLITE-U444-06N-H4U-C Datasheet
515Kb / 2P
USB 3.1 Gen 1 USB-C to HDMI External Video Adapter with USB-A Hub and USB-C Charging Port, 4K x 2K
U444-06N-HU-C TRIPPLITE-U444-06N-HU-C Datasheet
516Kb / 2P
USB 3.1 Gen 1 USB-C to HDMI External Video Adapter with USB-A Hub and USB-C Charging Port, 1080p
U444-06N-HV4GU TRIPPLITE-U444-06N-HV4GU Datasheet
164Kb / 4P
USB 3.1 Gen 1 USB-C Adapter, 4K @ 30Hz - HDMI, VGA, USB-A and Gigabit Ethernet, White
U442-DOCK6-GY TRIPPLITE-U442-DOCK6-GY Datasheet
165Kb / 4P
USB-C Portable Docking Station - HDMI 4K @ 30Hz, VGA, USB-A/USB-C, GbE, PD Charging 3.0, Gray
logo
Advantech Co., Ltd.
DVP-8610E ADVANTECH-DVP-8610E Datasheet
404Kb / 2P
1-Ch H.264 USB Video Capture Module with SDK
3-Aug-2013
logo
IOGEAR
GUC3025HW6 IOGEAR-GUC3025HW6 Datasheet
166Kb / 3P
USB 3.0 to HDMI/DVI External Video Card
GUV301 IOGEAR-GUV301 Datasheet
187Kb / 3P
UpStream??Video Capture Adapter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com