Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTRB-RASF-01 Datasheet (PDF) - ams-OSRAM AG

LTRB-RASF-01 Datasheet PDF - ams-OSRAM AG
Part # LTRB-RASF-01
Download  LTRB-RASF-01 Download
File Size   2309.25 Kbytes
Page   29 Pages
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG
Description Multi Chip LED

LTRB-RASF-01 Datasheet (PDF)

Go To PDF Page Download Datasheet
LTRB-RASF-01 Datasheet PDF - ams-OSRAM AG

Part # LTRB-RASF-01
Download  LTRB-RASF-01 Click to download

File Size   2309.25 Kbytes
Page   29 Pages
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG
Description Multi Chip LED

LTRB-RASF-01 Datasheet (HTML) - ams-OSRAM AG


LTRB-RASF-01 Product details

Applications
- Appliances & Tools - Entertainment
Features
- Package: SMT package, silicone resin
- Chip technology: Flip chip (AlInGaN)
- Typ. Radiation: 120° (Lambertian emitter)
- Color: λdom = 530 nm (● true green); λdom = 621 nm (● red); λdom = 465 nm (● blue)
- Corrosion Robustness Class: 2B
- ESD: 4 kV acc. to ANSI/ESDA/JEDEC JS-001 (HBM, Class 3A)
- Color: x = 0.249, y = 0.208. acc. to CIE 1931 (white)
- Luminous Intensity: 2.010...3.550 mcd (white), typ. 2.000 mcd (true green), typ. 800 mcd (red), typ. 330
mcd (blue)





Similar Part No. - LTRB-RASF-01

ManufacturerPart #DatasheetDescription
logo
ams-OSRAM AG
LTRB-RASF AMSOSRAM-LTRB-RASF Datasheet
2Mb / 29P
Multi Chip LED
2024-11-04
More results


Similar Description - LTRB-RASF-01

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
15-22SURSYGC EVERLIGHT-15-22SURSYGC Datasheet
236Kb / 10P
Chip LED with Bi-Color (Multi-Color)
15-22-R6G6C-A32-2T EVERLIGHT-15-22-R6G6C-A32-2T Datasheet
218Kb / 12P
Chip LED with Bi-Color (Multi-Color)
23-22B-R7G6C-A30-2T EVERLIGHT-23-22B-R7G6C-A30-2T Datasheet
216Kb / 12P
Chip LED (Multi-Color)
23-22B-S2BHC-C30-2A EVERLIGHT-23-22B-S2BHC-C30-2A Datasheet
229Kb / 12P
Reverse Package Chip LED (Multi-Color)
23-22C-S2BHC-B30-2A EVERLIGHT-23-22C-S2BHC-B30-2A Datasheet
171Kb / 12P
Reverse Package Chip LED (Multi-Color)
18-225-B6R6C-C01-3T EVERLIGHT-18-225-B6R6C-C01-3T_11 Datasheet
213Kb / 11P
Chip LED with Bi-Color(Multi-Color)
23-22B-R7G6C-A30-2T EVERLIGHT-23-22B-R7G6C-A30-2T_11 Datasheet
271Kb / 12P
Chip LED (Multi-Color)
23-22C-S2BHC-B30-2A EVERLIGHT-23-22C-S2BHC-B30-2A_11 Datasheet
203Kb / 12P
Reverse Package Chip LED (Multi-Color)
logo
Linkage Goston Electron...
SM2135E LINKAGE-SM2135E Datasheet
2Mb / 8P
MultI-Channel Smart LED Drive chip
logo
HK TO-GRACE TECHNOLOGY ...
23-22B-S2BHC-C30-2A TO-GRACE-23-22B-S2BHC-C30-2A Datasheet
703Kb / 12P
Reverse Package Chip LED (Multi-Color)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com