Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

6P6G-PCIE-SATA-CARD Datasheet (PDF) - StarTech.com Ltd.

6P6G-PCIE-SATA-CARD Datasheet PDF - StarTech.com Ltd.
Part # 6P6G-PCIE-SATA-CARD
Download  6P6G-PCIE-SATA-CARD Download
File Size   157.42 Kbytes
Page   4 Pages
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.
Description SATA PCIe Card - 6 Port PCIe SATA Expansion Card - 6Gbps - Low/Full Profile - Stacked SATA Connectors - ASM1166 Non-Raid - PCI Express to SATA Converter

6P6G-PCIE-SATA-CARD Datasheet (PDF)

Go To PDF Page Download Datasheet
6P6G-PCIE-SATA-CARD Datasheet PDF - StarTech.com Ltd.

Part # 6P6G-PCIE-SATA-CARD
Download  6P6G-PCIE-SATA-CARD Click to download

File Size   157.42 Kbytes
Page   4 Pages
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.
Description SATA PCIe Card - 6 Port PCIe SATA Expansion Card - 6Gbps - Low/Full Profile - Stacked SATA Connectors - ASM1166 Non-Raid - PCI Express to SATA Converter

6P6G-PCIE-SATA-CARD Datasheet (HTML) - StarTech.com Ltd.


6P6G-PCIE-SATA-CARD Product details

Applications
• Add six SATA 6Gbps drives to your desktop computer or server
• Manage your drives and built RAID arrays with storage management systems such as Storage Spaces (Microsoft) ,
RAID Assistant (macOS), mdraid/mdadm (Linux)

Features
• HIGH-PERFORMANCE: Add six SATA III 6Gbps ports to your desktop computer or server using a PCIe x4 slot to
connect SATA drives (HDD/SSD); 6-Port SATA PCIe card features 6x SATA connections for connecting drives using
SATA cables (sold separately)
• ASM1166 CONTROLLER: Add six SATA (serial ATA) 6Gbps ports via a single x4 PCIe slot for combined total
bandwidth up to 16Gbps; Supports & NCQ (Native Command Queue) & Port Multiplier across all six ports, up to five
drives per PM port.
• COMPATIBILITY: Supports PCIe 3.0, SATA 3.2 & AHCI 1.4 Specs, and previous gens at lower performance;
Windows (7+), macOS (10.10+), Linux (2.6.32+); Improved motherboard compatibility with no built-in RAID; Supports
ATA & ATAPI (HDD, SSD, Optical Disc)
• EASY INSTALL: Expansion card w/ plug-and-play setup in full or low-profile PCI-e slot (full-profile bracket installed,
low-profile incl); Supports storage management systems such as Storage Spaces (Microsoft) , RAID Assistant
(macOS), mdraid/mdadm (Linux)
• STARTECH.COM ADVANTAGE: IT professionals choice for over 30 years; This SATA PCIe adapter controller card
converter is backed for 2-years by StarTech.com, including free 24/5 North America based multi-lingual tech support




Similar Part No. - 6P6G-PCIE-SATA-CARD

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
6P61033 RENESAS-6P61033 Datasheet
385Kb / 17P
8-OUTPUT SMALL FORM FACTOR PCIE GEN1-2-3 BUFFER
Mar 2020
6P61033NDGI RENESAS-6P61033NDGI Datasheet
385Kb / 17P
8-OUTPUT SMALL FORM FACTOR PCIE GEN1-2-3 BUFFER
Mar 2020
6P61033NDGI8 RENESAS-6P61033NDGI8 Datasheet
385Kb / 17P
8-OUTPUT SMALL FORM FACTOR PCIE GEN1-2-3 BUFFER
Mar 2020
6P61043 RENESAS-6P61043 Datasheet
399Kb / 16P
4-OUTPUT SMALL FORM FACTOR PCIE GEN1-2-3 BUFFER
Mar 2020
6P61043NLGI RENESAS-6P61043NLGI Datasheet
399Kb / 16P
4-OUTPUT SMALL FORM FACTOR PCIE GEN1-2-3 BUFFER
Mar 2020
More results


Similar Description - 6P6G-PCIE-SATA-CARD

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
SAS9266-4I AVAGO-SAS9266-4I Datasheet
253Kb / 2P
PCI Express SATASAS RAID Controller
SAS9266-8I AVAGO-SAS9266-8I Datasheet
576Kb / 2P
PCI Express SATASAS RAID Controller
SAS9341 AVAGO-SAS9341 Datasheet
254Kb / 2P
PCIe 3.0 SATASAS RAID Controllers
SAS9750-4I4E AVAGO-SAS9750-4I4E Datasheet
373Kb / 3P
Express SATASAS RAID Controller
SAS9750-8E AVAGO-SAS9750-8E Datasheet
420Kb / 2P
Eight-Port 6Gb/s PCI Express SATASAS RAID
SAS9750-8I AVAGO-SAS9750-8I Datasheet
535Kb / 2P
Eight-Port 6Gb/s PCI Express SATASAS RAID
SAS9750-16I4E AVAGO-SAS9750-16I4E Datasheet
372Kb / 2P
Express SATASAS RAID Controller
SAS9750-24I4E AVAGO-SAS9750-24I4E Datasheet
429Kb / 2P
PCI Express SATASAS RAID Controller
logo
List of Unclassifed Man...
ASM1061 ETC2-ASM1061 Datasheet
341Kb / 19P
SATA 6Gbps Controller
logo
Microchip Technology
3100 MICROCHIP-3100 Datasheet
1Mb / 2P
12 Gbps PCIe Gen3 SAS/SATA RAID Adapters
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com