Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8P6G-PCIE-SATA-CARD Datasheet (PDF) - StarTech.com Ltd.

8P6G-PCIE-SATA-CARD Datasheet PDF - StarTech.com Ltd.
Part # 8P6G-PCIE-SATA-CARD
Download  8P6G-PCIE-SATA-CARD Download
File Size   153.65 Kbytes
Page   4 Pages
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.
Description 8 Port SATA PCIe Card - PCI Express 6Gbps SATA Expansion Adapter Card with 4 Host Controllers- SATA PCIe Controller Card - PCI-e x4 Gen 2 to SATA III - SATA HDD/SSD

8P6G-PCIE-SATA-CARD Datasheet (PDF)

Go To PDF Page Download Datasheet
8P6G-PCIE-SATA-CARD Datasheet PDF - StarTech.com Ltd.

Part # 8P6G-PCIE-SATA-CARD
Download  8P6G-PCIE-SATA-CARD Click to download

File Size   153.65 Kbytes
Page   4 Pages
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.
Description 8 Port SATA PCIe Card - PCI Express 6Gbps SATA Expansion Adapter Card with 4 Host Controllers- SATA PCIe Controller Card - PCI-e x4 Gen 2 to SATA III - SATA HDD/SSD

8P6G-PCIE-SATA-CARD Datasheet (HTML) - StarTech.com Ltd.


8P6G-PCIE-SATA-CARD Product details

Applications
• Add eight SATA 6Gbps drives to your desktop computer or server
• Manage your drives and built RAID arrays with storage management systems such as Storage Spaces (Microsoft) ,
RAID Assistant (macOS), mdraid/mdadm (Linux)

Features
• HIGH-PERFORMANCE: Add eight SATA III 6Gbps ports to your desktop computer or server using a PCIe x4 Gen 2
slot to connect SATA drives (HDD/SSD); 8-Port SATA PCIe Card features 2x Mini-SAS connections with Mini-SAS to
4x locking SATA adapter cables incl.
• QUAD CONTROLLERS: This PCI Express SATA 6 card features a PCIe MUX and four 2-Port SATA host
controllers; This architecture allows for eight total SATA (serial ATA) 6Gbps ports through a single x4 PCIe slot,
enabling combined total throughput up to 16Gbps
• COMPATIBILITY: Supports PCIe Gen 2 & SATA III Specs, and previous generations at lower performance (SATA
I/II, PCIe Gen 1); Windows (XP+), macOS (10.6.8+), Linux (2.6.32+); Improved motherboard compatibility with no
bifurcation required & no built-in RAID
• EASY INSTALL: Expansion card w/ plug-and-play setup in full or low-profile PCI-e slot (full-profile bracket installed,
low-profile incl); Supports storage management systems such as Storage Spaces (Microsoft) , RAID Assistant
(macOS), mdraid/mdadm (Linux)
• STARTECH.COM ADVANTAGE: IT professionals choice for over 30 years; This SATA PCIe controller card
converter is backed for 2-years by StarTech.com, including free 24/5 North America based multi-lingual tech support





Similar Description - 8P6G-PCIE-SATA-CARD

ManufacturerPart #DatasheetDescription
logo
ADL Embedded Solutions
MSMSA104EX ADL-MSMSA104EX Datasheet
201Kb / 1P
PCI/104-Express SATA 300 Adapter Board
logo
Exar Corporation
XRS10L620 EXAR-XRS10L620 Datasheet
585Kb / 49P
PCI-X to 2-SATA/1-PATA Host Controller
logo
AVAGO TECHNOLOGIES LIMI...
SAS9266-4I AVAGO-SAS9266-4I Datasheet
253Kb / 2P
PCI Express SATASAS RAID Controller
SAS9266-8I AVAGO-SAS9266-8I Datasheet
576Kb / 2P
PCI Express SATASAS RAID Controller
SAS9750-24I4E AVAGO-SAS9750-24I4E Datasheet
429Kb / 2P
PCI Express SATASAS RAID Controller
logo
Advantech Co., Ltd.
EMIO-200SA-MP01E ADVANTECH-EMIO-200SA-MP01E Datasheet
689Kb / 1P
PCIe to 2-Ch SATA III Port Module
logo
Broadcom Corporation.
SAS2308 BOARDCOM-SAS2308 Datasheet
581Kb / 2P
PCI Express to 8-Port 6Gb/s SAS/SATA Controller
logo
List of Unclassifed Man...
ASM1061 ETC2-ASM1061 Datasheet
341Kb / 19P
SATA 6Gbps Controller
logo
Vecow Co., Ltd.
ARS-2001M VECOW-ARS-2001M Datasheet
438Kb / 2P
4 USB 3.0, 2 SATA III, 2 Mini PCIe, 1 PCI
logo
Advantech Co., Ltd.
EMIO-200SA ADVANTECH-EMIO-200SA Datasheet
688Kb / 1P
PCIe to 2-Ch SATA III Port Module
24-Feb-2016
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com