Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMWGP1002 Datasheet (PDF) - Infinite Electronics International, Inc.

FMWGP1002 Datasheet PDF - Infinite Electronics International, Inc.
Part # FMWGP1002
Download  FMWGP1002 Download
File Size   457.78 Kbytes
Page   2 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description Aluminum WR-229 Waveguide Pressure Window with CPR229F and CPR229G Flanges

FMWGP1002 Datasheet (PDF)

Go To PDF Page Download Datasheet
FMWGP1002 Datasheet PDF - Infinite Electronics International, Inc.

Part # FMWGP1002
Download  FMWGP1002 Click to download

File Size   457.78 Kbytes
Page   2 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description Aluminum WR-229 Waveguide Pressure Window with CPR229F and CPR229G Flanges

FMWGP1002 Datasheet (HTML) - Infinite Electronics International, Inc.


FMWGP1002 Product details

Features
• WR-229 Waveguide
• Operating Frequency Range
• from 3.22 GHz to 4.9 GHz
• CPR229F and CPR229G Flanges
• 1.25:1 Max VSWR
• 2000 Watts (CW) Max
• Power Handling
• Insertion loss: 0.2 dB Max
• Thickness: 0.79 inches
• PTFE window material
• Pressure Handling
• Capability: 29 PSI Max
• Applications:
• Radar Systems
• Military and Space
• Wireless Radio Systems
• Communication Systems
• R&D Labs
• Microwave Radio Systems
• FMWGP1002
• DATA SHEET




Similar Part No. - FMWGP1002

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
FMWGP1000 FAIRVIEW-FMWGP1000 Datasheet
457Kb / 2P
Aluminum WR-340 Waveguide Pressure Window with CPR340F and CPR340G Flanges
REV 1.0A
FMWGP1001 FAIRVIEW-FMWGP1001 Datasheet
456Kb / 2P
Aluminum WR-284 Waveguide Pressure Window with CPR284F and CPR284G Flanges
REV 1.0A
FMWGP1003 FAIRVIEW-FMWGP1003 Datasheet
454Kb / 2P
Aluminum WR-187 Waveguide Pressure Window with CPR187F and CPR187G Flanges
REV 1.0A
FMWGP1004 FAIRVIEW-FMWGP1004 Datasheet
455Kb / 2P
Aluminum WR-159 Waveguide Pressure Window with CPR159F and CPR159G Flanges
REV 1.0A
FMWGP1005 FAIRVIEW-FMWGP1005 Datasheet
454Kb / 2P
Brass WR-137 Waveguide Pressure Window with CPR137F and CPR137G Flanges
REV 1.0A
More results


Similar Description - FMWGP1002

ManufacturerPart #DatasheetDescription
logo
Communications & Power ...
VWA1109 CPI-VWA1109 Datasheet
319Kb / 1P
Ka-Band quartz window with integral waveguide extension
VWA1152 CPI-VWA1152 Datasheet
305Kb / 1P
Ka-Band quartz window with integral waveguide extension
VWW1107 CPI-VWW1107 Datasheet
389Kb / 1P
Pressure Window
VWX1100 CPI-VWX1100 Datasheet
295Kb / 1P
Pressure Window
logo
Pasternack Enterprises,...
PEWCR1002 PASTERNACK-PEWCR1002 Datasheet
538Kb / 5P
WR-75 Waveguide Circulator
PEWCR1004 PASTERNACK-PEWCR1004 Datasheet
541Kb / 5P
WR-42 Waveguide Circulator
PE-W229AN001 PASTERNACK-PE-W229AN001 Datasheet
385Kb / 3P
WR-229 Waveguide Standard Gain Horn Antenna Operating From 3.3 GHz to 4.9 GHz With a Nominal 10 dB Gain With CMR-229 Flange
PE9862-SF-15 PASTERNACK-PE9862-SF-15 Datasheet
483Kb / 3P
WR-229 Waveguide Standard Gain Horn
PE9862-SF-20 PASTERNACK-PE9862-SF-20 Datasheet
479Kb / 3P
WR-229 Waveguide Standard Gain Horn
PE9863-10 PASTERNACK-PE9863-10_17 Datasheet
493Kb / 3P
WR-229 Waveguide Standard Gain Horn
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com