Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7952125ESD Datasheet (PDF) - KNIPEX

7952125ESD Datasheet PDF - KNIPEX
Part # 7952125ESD
Download  7952125ESD Download
File Size   161.09 Kbytes
Page   2 Pages
Manufacturer  KNIPEX [KNIPEX]
Direct Link  https://www.knipex.com/
Logo KNIPEX - KNIPEX
Description Precision Electronics Side Cutter ESD

7952125ESD Datasheet (PDF)

Go To PDF Page Download Datasheet
7952125ESD Datasheet PDF - KNIPEX

Part # 7952125ESD
Download  7952125ESD Click to download

File Size   161.09 Kbytes
Page   2 Pages
Manufacturer  KNIPEX [KNIPEX]
Direct Link  https://www.knipex.com/
Logo KNIPEX - KNIPEX
Description Precision Electronics Side Cutter ESD

7952125ESD Datasheet (HTML) - KNIPEX


7952125ESD Product details

General
Article No. 79 52 125 ESD
EAN 4003773065159
Pliers burnished
Head polished
Handles with multi-component grips
Weight 58 g
Dimensions 125 x 49 x 19 mm
Standard DIN ISO 9654 DIN EN 61 340-5
Reach no
RohS no




Similar Part No. - 7952125ESD

ManufacturerPart #DatasheetDescription
logo
KNIPEX
7952125 KNIPEX-7952125 Datasheet
146Kb / 2P
Precision Electronics Diagonal Cutter
05.07.2021
More results


Similar Description - 7952125ESD

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0690080350 MOLEX11-0690080350 Datasheet
36Kb / 1P
Wafer Cutter
logo
PHOENIX CONTACT
1205862 PHOENIX-1205862 Datasheet
48Kb / 2P
Diagonal cutter - MICROFOX SC
1212480 PHOENIX-1212480 Datasheet
49Kb / 2P
Diagonal cutter - MICROFOX-S ESD
1212485 PHOENIX-1212485 Datasheet
49Kb / 2P
Diagonal cutter - MICROFOX-E ESD
1212488 PHOENIX-1212488 Datasheet
49Kb / 2P
Diagonal cutter - MICROFOX-SP
1212793 PHOENIX-1212793 Datasheet
43Kb / 2P
Front cutter - MICROFOX-E_DB
5145339 PHOENIX-5145339 Datasheet
50Kb / 2P
Cutter - THERMOMARK S1-CUTTER
09/12/2020
logo
Molex Electronics Ltd.
69008-0350 MOLEX-69008-0350 Datasheet
35Kb / 3P
HANDTOOL HEADER CUTTER
04.03.15
ATS-638170100 MOLEX-ATS-638170100 Datasheet
188Kb / 2P
Ribbon Cable Cutter Tool
08-24-09
ATS-638170200 MOLEX-ATS-638170200 Datasheet
171Kb / 2P
Cable Cutter Tool
09-23-09
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com