Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8202200 Datasheet (PDF) - KNIPEX

8202200 Datasheet PDF - KNIPEX
Part # 8202200
Download  8202200 Download
File Size   360.25 Kbytes
Page   3 Pages
Manufacturer  KNIPEX [KNIPEX]
Direct Link  https://www.knipex.com/
Logo KNIPEX - KNIPEX
Description KNIPEX TwinGrip Slip Joint Pliers

8202200 Datasheet (PDF)

Go To PDF Page Download Datasheet
8202200 Datasheet PDF - KNIPEX

Part # 8202200
Download  8202200 Click to download

File Size   360.25 Kbytes
Page   3 Pages
Manufacturer  KNIPEX [KNIPEX]
Direct Link  https://www.knipex.com/
Logo KNIPEX - KNIPEX
Description KNIPEX TwinGrip Slip Joint Pliers

8202200 Datasheet (HTML) - KNIPEX


8202200 Product details

General
Article No. 82 02 200
EAN 4003773087250
Pliers black atramentized
Head polished
Handles with multi-component grips
Weight 280 g
Dimensions 200 x 51 x 22 mm
REACH compliant no
RohS compliant no




Similar Part No. - 8202200

ManufacturerPart #DatasheetDescription
logo
KNIPEX
8202250SB KNIPEX-8202250SB Datasheet
209Kb / 2P
KNIPEX TwinGrip Front and side gripping plier
27.09.2024
More results


Similar Description - 8202200

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
382-0214 ETC2-382-0214 Datasheet
139Kb / 2P
Pliers
logo
Copal Electronics
PLR20-8101 COPAL-PLR20-8101 Datasheet
92Kb / 2P
SLIP RINGS
PLR40-1000 COPAL-PLR40-1000 Datasheet
104Kb / 2P
SLIP RINGS
logo
PHOENIX CONTACT
CRIMPFOX-UC-6-PLUS PHOENIX-CRIMPFOX-UC-6-PLUS Datasheet
74Kb / 2P
Crimping pliers with guide for non-insulated slip-on connection sleeves 4.8 - 6.3 and 9.5 mm
CRIMPFOX-ZA3-1 PHOENIX-CRIMPFOX-ZA3-1 Datasheet
99Kb / 3P
Crimping pliers for non-insulated slip-on connection sleeves 2.8 and 4.8 mm
SF-Z0008 PHOENIX-SF-Z0008 Datasheet
44Kb / 2P
Crimping pliers
SF-Z0029 PHOENIX-SF-Z0029 Datasheet
46Kb / 2P
Crimping pliers
RC-Z2504 PHOENIX-RC-Z2504 Datasheet
45Kb / 2P
Crimping pliers
logo
Pepperl+Fuchs Inc.
VAZ-FK-R-STRIPPER PF-VAZ-FK-R-STRIPPER Datasheet
102Kb / 1P
Stripping pliers
2009-03-11
logo
List of Unclassifed Man...
JA6-3-050 ETC-JA6-3-050 Datasheet
1Mb / 17P
Floating Joint
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com