Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8551180A Datasheet (PDF) - KNIPEX

8551180A Datasheet PDF - KNIPEX
Part # 8551180A
Download  8551180A Download
File Size   303.88 Kbytes
Page   3 Pages
Manufacturer  KNIPEX [KNIPEX]
Direct Link  https://www.knipex.com/
Logo KNIPEX - KNIPEX
Description Spring Hose Clamp Pliers

8551180A Datasheet (PDF)

Go To PDF Page Download Datasheet
8551180A Datasheet PDF - KNIPEX

Part # 8551180A
Download  8551180A Click to download

File Size   303.88 Kbytes
Page   3 Pages
Manufacturer  KNIPEX [KNIPEX]
Direct Link  https://www.knipex.com/
Logo KNIPEX - KNIPEX
Description Spring Hose Clamp Pliers

8551180A Datasheet (HTML) - KNIPEX


8551180A Product details

General
Article No. 85 51 180 A
EAN 4003773081159
Pliers grey atramentized
Handles with non-slip plastic coating
Weight 170 g
Dimensions 180 x 38 x 14 mm
Reach no
RohS no




Similar Part No. - 8551180A

ManufacturerPart #DatasheetDescription
logo
KNIPEX
8551180C KNIPEX-8551180C Datasheet
297Kb / 3P
Hose Clamp Pliers For Click clamps
05.07.2021
More results


Similar Description - 8551180A

ManufacturerPart #DatasheetDescription
logo
Altech corporation
CSC2.5T ALTECH-CSC2.5T Datasheet
782Kb / 8P
FEED-THROUGH Spring Clamp Terminals
logo
Weidmuller
0267400000 WEIDMULLER-0267400000 Datasheet
464Kb / 1P
Screw Clamp Connections Spring Loaded
logo
List of Unclassifed Man...
R220CV ETC2-R220CV Datasheet
63Kb / 1P
TONGUE AND GROOVE SPRING LOADED PLIERS
logo
American Electronic Com...
D41F AEC-D41F Datasheet
681Kb / 3P
Screw or spring clamp terminals
D41F-SSR AEC-D41F-SSR Datasheet
695Kb / 3P
Screw or spring clamp terminals
logo
METZ CONNECT GmbH
ASP084XX METZ-ASP084XX Datasheet
308Kb / 5P
spring clamp terminal block, pluggable
AST025XX METZ-AST025XX Datasheet
300Kb / 5P
spring clamp terminal block, solderable
logo
List of Unclassifed Man...
ECP-100 ETC-ECP-100 Datasheet
350Kb / 1P
Single-Ear Hose Clamp Pliers, Straight Jaw
logo
WECO ELECTRICAL CONNECT...
120-F-111 WECO-120-F-111 Datasheet
73Kb / 1P
Plug connector Spring clamp connection
07.19
logo
FIBOX Enclosing innovat...
3512198 FIBOX-3512198 Datasheet
40Kb / 1P
Hose clamp for MK 12198
16.08.2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com