Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8602250 Datasheet (PDF) - KNIPEX

8602250 Datasheet PDF - KNIPEX
Part # 8602250
Download  8602250 Download
File Size   186.15 Kbytes
Page   2 Pages
Manufacturer  KNIPEX [KNIPEX]
Direct Link  https://www.knipex.com/
Logo KNIPEX - KNIPEX
Description Pliers Wrenches Pliers and a wrench in a single tool

8602250 Datasheet (PDF)

Go To PDF Page Download Datasheet
8602250 Datasheet PDF - KNIPEX

Part # 8602250
Download  8602250 Click to download

File Size   186.15 Kbytes
Page   2 Pages
Manufacturer  KNIPEX [KNIPEX]
Direct Link  https://www.knipex.com/
Logo KNIPEX - KNIPEX
Description Pliers Wrenches Pliers and a wrench in a single tool

8602250 Datasheet (HTML) - KNIPEX


8602250 Product details

General
Article No. 86 02 250
EAN 4003773082392
Pliers black atramentized
Head polished
Handles with multi-component grips
Weight 485 g
Dimensions 250 x 55 x 18 mm
Reach no
RohS no




Similar Part No. - 8602250

ManufacturerPart #DatasheetDescription
logo
Gilway Technical Lamp
8602 GILWAY-8602 Datasheet
143Kb / 2P
T-1 Subminiature Lamps
logo
Filtran LTD
8602 FILTRAN-8602 Datasheet
176Kb / 2P
Chokes Data Communication Circuits
logo
List of Unclassifed Man...
8602 ETC2-8602 Datasheet
320Kb / 1P
HOLE PLUGS and BUSHINGS
8602 ETC2-8602 Datasheet
5Mb / 7P
Voltage range up to 500 V
logo
API Technologies Corp
8602 APITECH-8602 Datasheet
1Mb / 2P
Data Communication Circuits
More results


Similar Description - 8602250

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
9845 ETC2-9845 Datasheet
109Kb / 1P
Service kit containing high quality standard cutters and pliers, screwdrivers and adjustable wrench
26703 ETC2-26703 Datasheet
394Kb / 5P
Combination pliers Basic
382-0214 ETC2-382-0214 Datasheet
139Kb / 2P
Pliers
logo
PHOENIX CONTACT
SF-Z0008 PHOENIX-SF-Z0008 Datasheet
44Kb / 2P
Crimping pliers
SF-Z0009 PHOENIX-SF-Z0009 Datasheet
44Kb / 2P
Crimping pliers
SF-Z0029 PHOENIX-SF-Z0029 Datasheet
46Kb / 2P
Crimping pliers
RC-Z2504 PHOENIX-RC-Z2504 Datasheet
45Kb / 2P
Crimping pliers
logo
HARTING Technology Grou...
09-99-000-0997 HARTING-09-99-000-0997 Datasheet
536Kb / 1P
Removal Tool Han FB -Pliers
2021-10-01
logo
Molex Electronics Ltd.
62100-3800 MOLEX-62100-3800 Datasheet
327Kb / 3P
A pliers-type tool used in the insert joiner and ground modules
05-24-06
logo
Pepperl+Fuchs Inc.
VAZ-FK-R-STRIPPER PF-VAZ-FK-R-STRIPPER Datasheet
102Kb / 1P
Stripping pliers
2009-03-11
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com