Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LUW-CRDP-STREETWHITE Datasheet (PDF) - ams-OSRAM AG

LUW-CRDP-STREETWHITE Datasheet PDF - ams-OSRAM AG
Part # LUW-CRDP-STREETWHITE
Download  LUW-CRDP-STREETWHITE Download
File Size   3956.37 Kbytes
Page   24 Pages
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG
Description OSLON SSL 150

LUW-CRDP-STREETWHITE Datasheet (PDF)

Go To PDF Page Download Datasheet
LUW-CRDP-STREETWHITE Datasheet PDF - ams-OSRAM AG

Part # LUW-CRDP-STREETWHITE
Download  LUW-CRDP-STREETWHITE Click to download

File Size   3956.37 Kbytes
Page   24 Pages
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG
Description OSLON SSL 150

LUW-CRDP-STREETWHITE Datasheet (HTML) - ams-OSRAM AG


LUW-CRDP-STREETWHITE Product details

Features:
• Package: SMT ceramic package with silicone resin
and silicone lens
• Viewing angle at 50 % IV: 150°
• Color: 5000 K - 7500 K (streetwhite)
• CRI: typ. 70
• Luminous Flux: typ. 144 lm
• Luminous efficacy: typ. 139 lm/W
• Corrosion Robustness: Superior Corrosion
Robustness
• Lumen Maintenance: Test results according to
IESNA LM-80 available
Applications
• Industrial lighting
• Marker lights (e.g. steps, exit ways, etc.)
• Outdoor lighting
• Street and tunnel lighting




Similar Part No. - LUW-CRDP-STREETWHITE

ManufacturerPart #DatasheetDescription
logo
ams-OSRAM AG
LUW-CRDP-EQW AMSOSRAM-LUW-CRDP-EQW Datasheet
3Mb / 24P
OSLON SSL 150
2018-05-10
More results


Similar Description - LUW-CRDP-STREETWHITE

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
GHCSHPM1.24 OSRAM-GHCSHPM1.24 Datasheet
1Mb / 22P
OSLON SSL 150
GTCS8PM1.13 OSRAM-GTCS8PM1.13 Datasheet
1Mb / 22P
OSLON SSL 80
GTCSHPM1.13 OSRAM-GTCSHPM1.13 Datasheet
1Mb / 22P
OSLON SSL 150
GTCSSPM1.13 OSRAM-GTCSSPM1.13 Datasheet
2Mb / 22P
OSLON SSL 120
LUWCRDP OSRAM-LUWCRDP Datasheet
2Mb / 24P
OSLON SSL 150
GHCS8PM1.24 OSRAM-GHCS8PM1.24 Datasheet
1Mb / 22P
OSLON SSL 80
GFCSHPM2.24 OSRAM-GFCSHPM2.24 Datasheet
1Mb / 22P
OSLON SSL 150
GDCSHPM1.14 OSRAM-GDCSHPM1.14 Datasheet
1Mb / 22P
OSLON SSL 150
GACSHPM1.23 OSRAM-GACSHPM1.23 Datasheet
1Mb / 22P
OSLON SSL 150
GACSSPM1.23 OSRAM-GACSSPM1.23 Datasheet
1Mb / 22P
OSLON SSL 120
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com