Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5542 Datasheet (PDF) - Cirrus Logic

CS5542 Datasheet PDF - Cirrus Logic
Part # CS5542
Download  CS5542 Download
File Size   297.13 Kbytes
Page   30 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description 22-Bit, Multi-Channel DS ADC Chip Set

CS5542 Datasheet (PDF)

Go To PDF Page Download Datasheet
CS5542 Datasheet PDF - Cirrus Logic

Part # CS5542
Download  CS5542 Click to download

File Size   297.13 Kbytes
Page   30 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description 22-Bit, Multi-Channel DS ADC Chip Set

CS5542 Datasheet (HTML) - Cirrus Logic


CS5542 Product details

Description
The CS5542 / CS5543 chip set is designed to be a complete current measurement data acquisition system. The CS5542 is a 22-Bit, 2-channel, 5th-order delta sigma modulator. The CS5543 is a monolithic CMOS, 8-channel digital FIR filter designed to be used with up to four CS5542’s forming an 8-channel system. The complete system is capable of cascading up to 1024 channels.

Features
● Delta-Sigma Architecture:
    - 5th Order Modulator
    - 22-Bit Resolution
● dc Accuracy (fBW = 250Hz):
    - Integral Linearity: ±0.001 % F.S.
    - Differential Linearity: ±0.5 LSBs
    - RMS Noise: 1.1 pARMS
● Pin Selectable Input Range:
    - ±400 nA to ±2.5 µA Full Scale
● 8-Channel Digital FIR Filter
● Self-calibration of Offset and Gain
● Low Power: 50 mW /ch for 8-ch system




Similar Part No. - CS5542

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS5540 CIRRUS-CS5540 Datasheet
425Kb / 22P
LOW POWER LOW VOLTAGE 24- BIT ACD
CS5540-AS CIRRUS-CS5540-AS Datasheet
425Kb / 22P
LOW POWER LOW VOLTAGE 24- BIT ACD
CS5541 CIRRUS-CS5541 Datasheet
517Kb / 26P
Low-power, High-Voltage, 24-Bit Delta-Sigma ADC
CS5541-BS CIRRUS-CS5541-BS Datasheet
517Kb / 26P
Low-power, High-Voltage, 24-Bit Delta-Sigma ADC
More results


Similar Description - CS5542

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2412 LINER-LTC2412 Datasheet
409Kb / 36P
2-Channel Differential Input 24-Bit No Latency DS ADC
LTC2436-1 LINER-LTC2436-1 Datasheet
292Kb / 28P
2-Channel Differential Input 16-Bit No Latency DS ADC
logo
Linear Integrated Syste...
LTC2433-1 LINEAR-LTC2433-1 Datasheet
306Kb / 28P
Differential Input 16-Bit No Latency DS ADC
logo
Linear Technology
LTC2433-1 LINER-LTC2433-1 Datasheet
298Kb / 28P
Differential Input 16-Bit No Latency DS ADC
LTC2451 LINER-LTC2451_1 Datasheet
251Kb / 18P
Ultra-Tiny, 16-Bit DS ADC with I2C Interface
logo
Asahi Kasei Microsystem...
AK5393VS AKM-AK5393VS Datasheet
132Kb / 18P
Enhanced Dual Bit DS 96kHz 24-Bit ADC
AK5352VF AKM-AK5352VF Datasheet
177Kb / 19P
96kHz Sampling DS 20bit ADC
AK5385AVF AKM-AK5385AVF Datasheet
172Kb / 24P
24Bit 192kHz DS ADC
AK5385AVS AKM-AK5385AVS Datasheet
172Kb / 24P
24Bit 192kHz DS ADC
logo
PHOENIX CONTACT
1780264 PHOENIX-1780264 Datasheet
42Kb / 1P
Connector set - MSTBP-SET/EMUG 22- 4REL
More results




About Cirrus Logic


Cirrus Logic is an American company that specializes in the design and manufacture of high-precision analog and mixed-signal integrated circuits (ICs).
The company was founded in 1984 and is headquartered in Austin, Texas, USA.
Cirrus Logic offers a wide range of products including audio converters, audio codecs, digital signal processors, and other analog and mixed-signal ICs.
The company's products are used in various applications such as consumer electronics, automotive audio systems, and professional audio equipment.
Cirrus Logic is known for its expertise in analog and mixed-signal technology, high-quality products, and innovation in the field of audio and voice processing.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com