Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

902201SB Datasheet (PDF) - KNIPEX

902201SB Datasheet PDF - KNIPEX
Part # 902201SB
Download  902201SB Download
File Size   384.0 Kbytes
Page   4 Pages
Manufacturer  KNIPEX [KNIPEX]
Direct Link  https://www.knipex.com/
Logo KNIPEX - KNIPEX
Description KNIPEX TwistCut® Corrugated Pipe Cutter

902201SB Datasheet (PDF)

Go To PDF Page Download Datasheet
902201SB Datasheet PDF - KNIPEX

Part # 902201SB
Download  902201SB Click to download

File Size   384.0 Kbytes
Page   4 Pages
Manufacturer  KNIPEX [KNIPEX]
Direct Link  https://www.knipex.com/
Logo KNIPEX - KNIPEX
Description KNIPEX TwistCut® Corrugated Pipe Cutter

902201SB Datasheet (HTML) - KNIPEX


902201SB Product details

General
Article No. 90 22 01 SB
EAN 4003773082286
Weight 47 g
Dimensions 100 x 86 x 38 mm
Reach no
RohS no




Similar Part No. - 902201SB

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
90220 NTE-90220 Datasheet
15Kb / 1P
1000V CERAMIC DISC
logo
KNIPEX
902202SB KNIPEX-902202SB Datasheet
446Kb / 4P
KNIPEX TwistCut® Corrugated Pipe Cutter
05.07.2021
More results


Similar Description - 902201SB

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0690080350 MOLEX11-0690080350 Datasheet
36Kb / 1P
Wafer Cutter
logo
PHOENIX CONTACT
1853612 PHOENIX-1853612 Datasheet
69Kb / 3P
Corrugated pipe opener - WR-OEF-PG21
1853638 PHOENIX-1853638 Datasheet
59Kb / 2P
Corrugated pipe opener - WR-OEF-PG16
1853641 PHOENIX-1853641 Datasheet
72Kb / 3P
Corrugated pipe opener - WR-OEF-PG29
5145339 PHOENIX-5145339 Datasheet
50Kb / 2P
Cutter - THERMOMARK S1-CUTTER
09/12/2020
logo
Molex Electronics Ltd.
69008-0350 MOLEX-69008-0350 Datasheet
35Kb / 3P
HANDTOOL HEADER CUTTER
04.03.15
logo
Heyco.
F8400 HEYCO-F8400 Datasheet
101Kb / 1P
Heyco® Nylon Corrugated Conduit/Tubing - HPAS Series
F8902 HEYCO-F8902 Datasheet
201Kb / 1P
Heyco® Nylon Corrugated Conduit/Tubing Mounting Clips
logo
Entegris, Inc
PE-4K8P-3 ENTEGRIS-PE-4K8P-3 Datasheet
251Kb / 6P
PrimeLock® Elbow Adapter, PureBond® Pipe
PS-4V4P-3 ENTEGRIS-PS-4V4P-3 Datasheet
269Kb / 5P
PrimeLock® Straight Adapter, PureBond® Pipe, “SpaceSaver”
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com