Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XAP520 Datasheet (PDF) - Renesas Technology Corp

XAP520 Datasheet PDF - Renesas Technology Corp
Part # XAP520
Download  XAP520 Download
File Size   543.91 Kbytes
Page   17 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description XA Family of Low Phase Noise Quartz-based PLL Oscillators

XAP520 Datasheet (PDF)

Go To PDF Page Download Datasheet
XAP520 Datasheet PDF - Renesas Technology Corp

Part # XAP520
Download  XAP520 Click to download

File Size   543.91 Kbytes
Page   17 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description XA Family of Low Phase Noise Quartz-based PLL Oscillators

XAP520 Datasheet (HTML) - Renesas Technology Corp


XAP520 Product details

▪ Conforms to AEC-Q200
▪ Frequency range: 0.750MHz to 1350MHz
▪ Output types: LVDS, LVPECL, LVCMOS
▪ Frequency stability: ±25, ±50, or ±100 ppm
▪ Supply voltage: 2.5V or 3.3V
▪ Phase jitter (12kHz to 20MHz): 750fs to 890fs typical
▪ Package options:
• 3.2 × 2.5 × 1.0 mm
• 5.0 × 3.2 × 1.2 mm
▪ Operating temperature: -40°C to +85°C (Grade 3)
• Frequency stability options: ±25, ±50, or ±100 ppm
▪ Operating temperature: -40°C to +105°C (Grade 2)
• Frequency stability options: ±50 or ±100 ppm




Similar Part No. - XAP520

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
XAP520125I IDT-XAP520125I Datasheet
481Kb / 20P
XA Family of Low Phase Noise Quartz-based PLL Oscillators
XAP520125K IDT-XAP520125K Datasheet
481Kb / 20P
XA Family of Low Phase Noise Quartz-based PLL Oscillators
More results


Similar Description - XAP520

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FE-103A ETC2-FE-103A Datasheet
339Kb / 2P
LOW PHASE NOISE QUARTZ OSCILLATORS
logo
Crystek Corporation
CCHD-950 CRYSTEKCRYSTAL-CCHD-950 Datasheet
906Kb / 2P
Ultra-Low Phase Noise Oscillators
logo
Nel Frequency Controls,...
AA-A3DDXXX-X NEL-AA-A3DDXXX-X Datasheet
161Kb / 3P
of crystal oscillators (XO) provides low phase noise LVDS complementary outputs
AA-XAEXXX-X NEL-AA-XAEXXX-X Datasheet
150Kb / 4P
of quartz crystal oscillators provide excellent temperature stability with LVDS complementary outputs and very low phase noise
logo
Integrated Device Techn...
ICS670-04 IDT-ICS670-04 Datasheet
198Kb / 7P
Patented PLL with low phase noise
logo
Xilinx, Inc
XA2S200E-6FT256Q XILINX-XA2S200E-6FT256Q Datasheet
141Kb / 6P
Automotive XA Product Family
logo
Integrated Device Techn...
XA IDT-XA Datasheet
481Kb / 20P
XA Family of Low Phase Noise Quartz-based PLL Oscillators
XL IDT-XL_18 Datasheet
623Kb / 27P
XL Family of Low Phase Noise Quartz-based PLL Oscillators
XU IDT-XU Datasheet
458Kb / 21P
XU Family of Low Phase Noise Quartz-based PLL Oscillators
logo
Crystek Corporation
CVHD-950 CRYSTEKCRYSTAL-CVHD-950 Datasheet
580Kb / 3P
Ultra-Low Phase Noise Oscillators
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com