Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XFP226 Datasheet (PDF) - Renesas Technology Corp

XFP226 Datasheet PDF - Renesas Technology Corp
Part # XFP226
Download  XFP226 Download
File Size   954.01 Kbytes
Page   25 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description XF Plastic Package Family of Low Phase Noise Quartz-based PLL Oscillators

XFP226 Datasheet (PDF)

Go To PDF Page Download Datasheet
XFP226 Datasheet PDF - Renesas Technology Corp

Part # XFP226
Download  XFP226 Click to download

File Size   954.01 Kbytes
Page   25 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description XF Plastic Package Family of Low Phase Noise Quartz-based PLL Oscillators

XFP226 Datasheet (HTML) - Renesas Technology Corp


XFP226 Product details

▪ Output types: LVDS, LVPECL, CML
• Frequency range: 15MHz to 2100MHz
▪ Output type: HCSL
• Frequency range: 15MHz to 725MHz
▪ Supply voltage options: 1.8V, 2.5V, or 3.3V
▪ Phase jitter (12kHz to 20MHz): 120fs typical
▪ Package options:
• 5.0 × 3.2 mm
• 3.2 × 2.5 mm
• 2.5 × 2.0 mm
▪ Operating temperatures and frequency stability:
• -40°C to +85°C, ±25ppm
• -40°C to +105°C, ±50ppm




Similar Part No. - XFP226

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
XFP226125.000000I RENESAS-XFP226125.000000I Datasheet
903Kb / 25P
XF Plastic Package Family of Low Phase Noise Quartz-based PLL Oscillators
July 13, 2021
XFP226125.000000K RENESAS-XFP226125.000000K Datasheet
903Kb / 25P
XF Plastic Package Family of Low Phase Noise Quartz-based PLL Oscillators
July 13, 2021
More results


Similar Description - XFP226

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FE-103A ETC2-FE-103A Datasheet
339Kb / 2P
LOW PHASE NOISE QUARTZ OSCILLATORS
logo
Crystek Corporation
CCHD-950 CRYSTEKCRYSTAL-CCHD-950 Datasheet
906Kb / 2P
Ultra-Low Phase Noise Oscillators
logo
Nel Frequency Controls,...
AA-A3DDXXX-X NEL-AA-A3DDXXX-X Datasheet
161Kb / 3P
of crystal oscillators (XO) provides low phase noise LVDS complementary outputs
AA-XAEXXX-X NEL-AA-XAEXXX-X Datasheet
150Kb / 4P
of quartz crystal oscillators provide excellent temperature stability with LVDS complementary outputs and very low phase noise
logo
Integrated Device Techn...
ICS670-04 IDT-ICS670-04 Datasheet
198Kb / 7P
Patented PLL with low phase noise
XA IDT-XA Datasheet
481Kb / 20P
XA Family of Low Phase Noise Quartz-based PLL Oscillators
XL IDT-XL_18 Datasheet
623Kb / 27P
XL Family of Low Phase Noise Quartz-based PLL Oscillators
XU IDT-XU Datasheet
458Kb / 21P
XU Family of Low Phase Noise Quartz-based PLL Oscillators
logo
Crystek Corporation
CVHD-950 CRYSTEKCRYSTAL-CVHD-950 Datasheet
580Kb / 3P
Ultra-Low Phase Noise Oscillators
logo
Abracon Corporation
ABX0101 ABRACON-ABX0101 Datasheet
57Kb / 5P
Low Phase Noise PLL Clock Multiplier
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com