Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DK30A2DHUUE Datasheet (PDF) - StarTech.com Ltd.

DK30A2DHUUE Datasheet PDF - StarTech.com Ltd.
Part # DK30A2DHUUE
Download  DK30A2DHUUE Download
File Size   68.33 Kbytes
Page   4 Pages
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.
Description USB-C USB-A Dock - Hybrid Universal USB 3.0 Docking Station for USB-C or USB-A Laptop - Dual Monitor 4K 60Hz HDMI/DisplayPort - 6x USB-A, GbE - USB 3.1 Gen 1 - Windows/Mac

DK30A2DHUUE Datasheet (PDF)

Go To PDF Page Download Datasheet
DK30A2DHUUE Datasheet PDF - StarTech.com Ltd.

Part # DK30A2DHUUE
Download  DK30A2DHUUE Click to download

File Size   68.33 Kbytes
Page   4 Pages
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.
Description USB-C USB-A Dock - Hybrid Universal USB 3.0 Docking Station for USB-C or USB-A Laptop - Dual Monitor 4K 60Hz HDMI/DisplayPort - 6x USB-A, GbE - USB 3.1 Gen 1 - Windows/Mac

DK30A2DHUUE Datasheet (HTML) - StarTech.com Ltd.


DK30A2DHUUE Product details

Features
• LATEST MODEL: This USB-C USB-A dock offers the same functionality as DK30A2DH, with added flexibility of
horizontal or vertical orientation using the included stand to save space at your workstation
• HYBRID DOCK: Universal USB 3.0 docking station works w/ USB-C & USB-A laptops/computers, using 2-in-1
USB-C/USB-A 3.3ft (1m) host cable, 6-Port USB Type-A hub, Gigabit Ethernet & headset audio jack
• FLEXIBLE DUAL MONITOR VIDEO: This 4K 60Hz USB-C or USB-A docking station can connect up to 2 monitors:
Dual DisplayPort or Dual HDMI or DP + HDMI displays; supports dual extended displays on MacBooks with both the
Intel processor or Apple M1 chip
• 6 DOWNSTREAM USB-A PORTS: Hybrid USB C dock has a 6-port USB 3.1/3.2 Gen 1 (5Gbps) hub w/ extra
USB-A ports to support devices such as keyboard, mouse, flash drive, external hard drive & printer
• COMPATIBILITY: USB-C port replicator is DisplayLink Certified for max. performance & compatible w/ Dell, HP,
Lenovo & MacBook PCs; Windows, Chrome and macOS platforms, where mixed laptop Brands used




Similar Part No. - DK30A2DHUUE

ManufacturerPart #DatasheetDescription
logo
LEM
DK300-B020 LEM-DK300-B020 Datasheet
166Kb / 2P
DC Current transducer DK-B020/420
DK300-B10 LEM-DK300-B10 Datasheet
48Kb / 2P
DC Current transducer DK-B5/10
DK300-B420 LEM-DK300-B420 Datasheet
166Kb / 2P
DC Current transducer DK-B020/420
DK300-B5 LEM-DK300-B5 Datasheet
48Kb / 2P
DC Current transducer DK-B5/10
DK300B020 LEM-DK300B020 Datasheet
281Kb / 2P
DC Current transducer
More results


Similar Description - DK30A2DHUUE

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
U460-004-4A TRIPPLITE-U460-004-4A Datasheet
515Kb / 2P
4-Port USB 3.1 Gen 1 Portable Hub - USB Type-C (USB-C) to (x4) USB-A, Aluminum
U444-06N-H4U-C TRIPPLITE-U444-06N-H4U-C Datasheet
515Kb / 2P
USB 3.1 Gen 1 USB-C to HDMI External Video Adapter with USB-A Hub and USB-C Charging Port, 4K x 2K
U444-06N-HV4GU TRIPPLITE-U444-06N-HV4GU Datasheet
164Kb / 4P
USB 3.1 Gen 1 USB-C Adapter, 4K @ 30Hz - HDMI, VGA, USB-A and Gigabit Ethernet, White
U442-DOCK5-GY TRIPPLITE-U442-DOCK5-GY Datasheet
167Kb / 4P
USB-C Portable Docking Station - HDMI 4K @ 30Hz, USB-A/C, GbE, SD/Micro SD, PD Charging 3.0, Gray
U442-DOCK6-GY TRIPPLITE-U442-DOCK6-GY Datasheet
165Kb / 4P
USB-C Portable Docking Station - HDMI 4K @ 30Hz, VGA, USB-A/USB-C, GbE, PD Charging 3.0, Gray
U444-06N-DP-C TRIPPLITE-U444-06N-DP-C Datasheet
170Kb / 4P
USB 3.1 Gen 1 USB-C to DisplayPort 4K Adapter with USB-C PD Charging Port, Thunderbolt 3 Compatible, 4K @60Hz
U442-DOCK1-B TRIPPLITE-U442-DOCK1-B Datasheet
182Kb / 4P
USB-C Laptop Docking Station with mDP, HDMI, VGA, GbE, 4K @ 30Hz, Thunderbolt 3 - USB-A, PD Charging, Black
U442-DOCK3-B TRIPPLITE-U442-DOCK3-B Datasheet
164Kb / 4P
USB-C Laptop Docking Station - HDMI, VGA, GbE, 4K @ 30 Hz, Thunderbolt 3, USB-A, USB-C, PD Charging 3.0, Black
U442-DOCK17-GY TRIPPLITE-U442-DOCK17-GY Datasheet
199Kb / 4P
USB-C Dock, Single Display - 4K HDMI, USB 3.2 Gen 1, USB-A/USB-C Hub, SATA III, 100W PD Charging, Gray
U442-DOCK8-BINT TRIPPLITE-U442-DOCK8-BINT Datasheet
55Kb / 6P
USB-C Dock, Triple Display - 4K 60 Hz HDMI/DisplayPort, USB 3.2 Gen 2, USB-A/USB-C Hub, GbE, 85W PD Charging, EU/UK Power Adapters
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com