Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DKM30CHDPDUE Datasheet (PDF) - StarTech.com Ltd.

DKM30CHDPDUE Datasheet PDF - StarTech.com Ltd.
Part # DKM30CHDPDUE
Download  DKM30CHDPDUE Download
File Size   147.87 Kbytes
Page   6 Pages
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.
Description USB C Dock - USB-C to DisplayPort 4K 30Hz or VGA - 65W USB Power Delivery Charging - 4-Port USB 3.1 Gen 1 Hub - Universal USB-C Laptop Docking Station w/ Ethernet

DKM30CHDPDUE Datasheet (PDF)

Go To PDF Page Download Datasheet
DKM30CHDPDUE Datasheet PDF - StarTech.com Ltd.

Part # DKM30CHDPDUE
Download  DKM30CHDPDUE Click to download

File Size   147.87 Kbytes
Page   6 Pages
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.
Description USB C Dock - USB-C to DisplayPort 4K 30Hz or VGA - 65W USB Power Delivery Charging - 4-Port USB 3.1 Gen 1 Hub - Universal USB-C Laptop Docking Station w/ Ethernet

DKM30CHDPDUE Datasheet (HTML) - StarTech.com Ltd.


DKM30CHDPDUE Product details

Applications
• Home office IT deployment, where VGA or DisplayPort monitors may be used by different users
• Charge your tablets and smartphones from the B.C 1.2 USB-A port

Features
• PERFORMANCE: USB C Single Monitor mini dock with DisplayPort 1.2 4K 30Hz or VGA outputs, 3x USB-A (USB
3.1 Gen 1, 5Gbps with one BC 1.2 port), 1x USB-C (5Gbps), 65W Power Delivery 3.0, 3.5mm Headset/Audio port &
Gigabit Ethernet (PXE Boot & WoL)
• VERSATILE & COMPACT: USB C Docking Station with DisplayPort or VGA offers variety of monitor options for
single video workstations - The USB C Mini Dock has a small footprint (145mm x 91mm) which takes up less space
but provides essential connectivity




Similar Part No. - DKM30CHDPDUE

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
DKM30F-12N MEANWELL-DKM30F-12N Datasheet
147Kb / 7P
30W 2"x1" Package DC-DC Regulated Converter
2022-12-01
DKM30F-15N MEANWELL-DKM30F-15N Datasheet
147Kb / 7P
30W 2"x1" Package DC-DC Regulated Converter
2022-12-01
DKM30G-12N MEANWELL-DKM30G-12N Datasheet
147Kb / 7P
30W 2"x1" Package DC-DC Regulated Converter
2022-12-01
DKM30G-15N MEANWELL-DKM30G-15N Datasheet
147Kb / 7P
30W 2"x1" Package DC-DC Regulated Converter
2022-12-01
More results


Similar Description - DKM30CHDPDUE

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
U444-06N-DGU-C TRIPPLITE-U444-06N-DGU-C Datasheet
517Kb / 2P
USB 3.1 Gen 1 USB-C to DVI External Video Adapter with USB-A Hub, USB-C Charging Port & Gigabit Ethernet Port
U444-06N-V-C TRIPPLITE-U444-06N-V-C Datasheet
512Kb / 2P
USB 3.1 Gen 1 USB-C to VGA DisplayPort Alternate Mode External Video Adapter with USB-C Charging Port
U444-06N-VGU-C TRIPPLITE-U444-06N-VGU-C Datasheet
516Kb / 2P
USB 3.1 Gen 1 USB-C to VGA External Video Adapter with USB-A Hub, USB-C Charging Port & Gigabit Ethernet Port
U444-06N-VU-C TRIPPLITE-U444-06N-VU-C Datasheet
514Kb / 2P
USB 3.1 Gen 1 USB-C to VGA DisplayPort Alternate Mode External Video Adapter with USB-A Hub and USB-C Charging Port
U460-003-3AG-C TRIPPLITE-U460-003-3AG-C Datasheet
503Kb / 2P
3-Port USB 3.1 Gen 1 Portable Hub, USB-C to (x3) USB-A, USB-C Charging Port & Gigabit Ethernet Port, Aluminum
U460-004-4A-C TRIPPLITE-U460-004-4A-C Datasheet
497Kb / 2P
4-Port USB 3.1 Gen 1 Portable Hub, USB-C to (x4) USB-A, with USB-C Charging Port
U444-06N-HV4GU TRIPPLITE-U444-06N-HV4GU Datasheet
164Kb / 4P
USB 3.1 Gen 1 USB-C Adapter, 4K @ 30Hz - HDMI, VGA, USB-A and Gigabit Ethernet, White
U444-06N-HV4GUB TRIPPLITE-U444-06N-HV4GUB Datasheet
168Kb / 4P
USB 3.1 Gen 1 USB-C Adapter, 4K @ 30Hz - HDMI, VGA, USB-A Hub Port and Gigabit Ethernet, Black
U442-DOCK6-GY TRIPPLITE-U442-DOCK6-GY Datasheet
165Kb / 4P
USB-C Portable Docking Station - HDMI 4K @ 30Hz, VGA, USB-A/USB-C, GbE, PD Charging 3.0, Gray
U444-06N-DP-C TRIPPLITE-U444-06N-DP-C Datasheet
170Kb / 4P
USB 3.1 Gen 1 USB-C to DisplayPort 4K Adapter with USB-C PD Charging Port, Thunderbolt 3 Compatible, 4K @60Hz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com