Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DKT31CHPD3 Datasheet (PDF) - StarTech.com Ltd.

DKT31CHPD3 Datasheet PDF - StarTech.com Ltd.
Part # DKT31CHPD3
Download  DKT31CHPD3 Download
File Size   149.27 Kbytes
Page   5 Pages
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.
Description USB C Multiport Adapter - USB-C to 4K 60Hz HDMI 2.0, 100W Power Delivery Pass-through - 3-Port 10Gbps USB Hub - Portable USB Type-C Mini Docking Station - 10" (25cm) Cable

DKT31CHPD3 Datasheet (PDF)

Go To PDF Page Download Datasheet
DKT31CHPD3 Datasheet PDF - StarTech.com Ltd.

Part # DKT31CHPD3
Download  DKT31CHPD3 Click to download

File Size   149.27 Kbytes
Page   5 Pages
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.
Description USB C Multiport Adapter - USB-C to 4K 60Hz HDMI 2.0, 100W Power Delivery Pass-through - 3-Port 10Gbps USB Hub - Portable USB Type-C Mini Docking Station - 10" (25cm) Cable

DKT31CHPD3 Datasheet (HTML) - StarTech.com Ltd.


DKT31CHPD3 Product details

Applications
• Connects your laptop to a 4K 60Hz HDMI monitor (4096 x 2160p) to create a powerful workstation
• Charge your laptop and USB peripherals with USB PD 3.0 (up to 100W), and fast charging USB-A port

Features
• 4-IN-1 USB-C MULTIPORT ADAPTER: USB 3.1 Gen 2/10Gbps docking station supports HDMI 2.0b, 4K 60Hz
HDR10 video; 1x USB-A 10Gbps w/BC 1.2 (7.5W); 2x USB-C 10Gbps incl 1x shared data & 100W PD 3.0 pass
through; Works w/ultra-wide monitors up to 3440x1440 60Hz
• EXTRA LONG CABLE: 10" (25 cm) attached cable for extended reach to reduce port/connector strain on 2-in-1
devices like Surface Pro 7, iPad Pro, HP Elite x2/laptops on riser stands; Ideal for on-the-go travel use in office, home
office & shared work spaces
• 4K 60HZ WITH DP 1.4 ALT-MODE: Supports 4K 60Hz digital resolution on DP 1.4 Alt-Mode host devices (Intel
11th Gen minimum); Supports 4K 30Hz on DP 1.2 Alt-Mode host devices; PS186 chip for compatibility with iPad Pro
and iPad Mini with USB Type-C
• RELIABLE PERFORMANCE: USB bus powered or via external USB-C power adapter; 100W Power Delivery 3.0
pass through w/ 15W reserved for adapter to avoid video flickering, device dropouts or overdrawing power common
in other hubs; up to 85W for laptop charging
• WIDE COMPATIBILITY: Mini dock is compatible with USB-C laptops, Ultrabooks & Chromebooks, plus Thunderbolt
3/4 laptops from HP, Dell, Lenovo, MacBooks (Intel processor and M1 chip), and Surface; works w/ Windows,
macOS, iPadOS, Android, Linux & Chrome OS




Similar Part No. - DKT31CHPD3

ManufacturerPart #DatasheetDescription
logo
StarTech.com Ltd.
DKT31CHPDL STARTECH-DKT31CHPDL Datasheet
61Kb / 4P
USB C Multiport Adapter - 10Gbps USB Type-C Mini Dock with 4K 30Hz HDMI - 100W Power Delivery Passthrough - 3-Port USB Hub, GbE - USB 3.1/3.2 Gen 2 Laptop Dock - 10" Cable
More results


Similar Description - DKT31CHPD3

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
U460-004-4A TRIPPLITE-U460-004-4A Datasheet
515Kb / 2P
4-Port USB 3.1 Gen 1 Portable Hub - USB Type-C (USB-C) to (x4) USB-A, Aluminum
U444-06N-H4U-C TRIPPLITE-U444-06N-H4U-C Datasheet
515Kb / 2P
USB 3.1 Gen 1 USB-C to HDMI External Video Adapter with USB-A Hub and USB-C Charging Port, 4K x 2K
U040-006-C TRIPPLITE-U040-006-C Datasheet
157Kb / 3P
USB 2.0 Cable, USB Type-C (USB-C) to USB Type-C M/M, 6-ft. Length
U442-DOCK5-GY TRIPPLITE-U442-DOCK5-GY Datasheet
167Kb / 4P
USB-C Portable Docking Station - HDMI 4K @ 30Hz, USB-A/C, GbE, SD/Micro SD, PD Charging 3.0, Gray
U442-DOCK6-GY TRIPPLITE-U442-DOCK6-GY Datasheet
165Kb / 4P
USB-C Portable Docking Station - HDMI 4K @ 30Hz, VGA, USB-A/USB-C, GbE, PD Charging 3.0, Gray
U442-DOCK13-S TRIPPLITE-U442-DOCK13-S Datasheet
166Kb / 4P
USB-C Docking Station, 4K @ 30 Hz, HDMI, Thunderbolt 3, USB Hub, Gb Ethernet ??Silver
U444-06N-DP-C TRIPPLITE-U444-06N-DP-C Datasheet
170Kb / 4P
USB 3.1 Gen 1 USB-C to DisplayPort 4K Adapter with USB-C PD Charging Port, Thunderbolt 3 Compatible, 4K @60Hz
U442-DOCK3-B TRIPPLITE-U442-DOCK3-B Datasheet
164Kb / 4P
USB-C Laptop Docking Station - HDMI, VGA, GbE, 4K @ 30 Hz, Thunderbolt 3, USB-A, USB-C, PD Charging 3.0, Black
U442-DOCK4-S TRIPPLITE-U442-DOCK4-S Datasheet
168Kb / 4P
USB Type-C Docking Station, HDMI, VGA, DisplayPort, USB-A/C, GbE, 100W PD Charging, 4K @ 30 Hz, Thunderbolt 3, Silver
U442-DOCK5D-GY TRIPPLITE-U442-DOCK5D-GY Datasheet
167Kb / 4P
USB-C Docking Station - HDMI 4K @ 30 Hz, USB-AC, GbE, SD/Micro SD, PD Charging 3.0, USB-C Cable, Gray
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com