Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD1729 Datasheet (PDF) - STMicroelectronics

SD1729 Datasheet PDF - STMicroelectronics
Part # SD1729
Download  SD1729 Download
File Size   49.63 Kbytes
Page   4 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description RF & MICROWAVE TRANSISTORS HF SSB APPLICATIONS

SD1729 Datasheet (PDF)

Go To PDF Page Download Datasheet
SD1729 Datasheet PDF - STMicroelectronics

Part # SD1729
Download  SD1729 Click to download

File Size   49.63 Kbytes
Page   4 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description RF & MICROWAVE TRANSISTORS HF SSB APPLICATIONS

SD1729 Datasheet (HTML) - STMicroelectronics


SD1729 Product details

DESCRIPTION
The SD1729 is a Class AB 28 V epitaxial silicon NPN planar transistor designed primarily for SSB communications. This device utilizes emitter ballasting to achieve extreme ruggedness under severe operating conditions.

■ OPTIMIZED FOR SSB
■ 30 MHz
■ 28 VOLTS
■ IMD −30 dB
■ COMMON EMITTER
■ GOLD METALLIZATION
■ POUT = 130 W PEP WITH 12 dB GAIN




Similar Part No. - SD1729

ManufacturerPart #DatasheetDescription
logo
Advanced Photonix, Inc.
SD172-11-21-221 ADVANCEDPHOTONIX-SD172-11-21-221 Datasheet
97Kb / 1P
Red Enhanced Silicon Photodiode
logo
Luna Innovations Incorp...
SD172-11-21-221 LUNA-SD172-11-21-221 Datasheet
122Kb / 2P
Red Enhanced Silicon Photodiode
logo
List of Unclassifed Man...
SD172-11-31-221 ETC2-SD172-11-31-221 Datasheet
150Kb / 1P
Red Enhanced Ultra Low Capacitance Silicon Photodiode
logo
Advanced Photonix, Inc.
SD172-11-31-221 ADVANCEDPHOTONIX-SD172-11-31-221 Datasheet
96Kb / 1P
Red Enhanced Ultra Low Capacitance Silicon Photodiode
logo
Luna Innovations Incorp...
SD172-11-31-221 LUNA-SD172-11-31-221 Datasheet
192Kb / 2P
Red Enhanced Ultra Low Capacitance Silicon Photodiode
More results


Similar Description - SD1729

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SD1407 STMICROELECTRONICS-SD1407 Datasheet
45Kb / 4P
RF & MICROWAVE TRANSISTORS HF SSB APPLICATIONS
Oct-1992
SD1411 STMICROELECTRONICS-SD1411 Datasheet
52Kb / 3P
RF & MICROWAVE TRANSISTORS HF SSB APPLICATIONS
Oct-1992
SD1487 STMICROELECTRONICS-SD1487 Datasheet
63Kb / 5P
RF & MICROWAVE TRANSISTORS HF SSB APPLICATIONS
Nov-1992
SD1730 STMICROELECTRONICS-SD1730 Datasheet
77Kb / 6P
RF & MICROWAVE TRANSISTORS HF SSB APPLICATIONS
07-Sep-1994
logo
Microsemi Corporation
MS1226 MICROSEMI-MS1226 Datasheet
61Kb / 3P
RF & MICROWAVE TRANSISTORS HF SSB APPLICATIONS
logo
Advanced Power Technolo...
MS1001 ADPOW-MS1001 Datasheet
118Kb / 3P
RF & MICROWAVE TRANSISTORS HF SSB APPLICATIONS
MS1007 ADPOW-MS1007 Datasheet
161Kb / 4P
RF & MICROWAVE TRANSISTORS HF SSB APPLICATIONS
MS1008 ADPOW-MS1008 Datasheet
185Kb / 5P
RF & MICROWAVE TRANSISTORS HF SSB APPLICATIONS
logo
Microsemi Corporation
MS1076 MICROSEMI-MS1076 Datasheet
92Kb / 6P
RF & MICROWAVE TRANSISTORS HF SSB APPLICATIONS
logo
STMicroelectronics
SD1726 STMICROELECTRONICS-SD1726_03 Datasheet
197Kb / 8P
RF & MICROWAVE TRANSISTORS HF SSB APPLICATIONS
January, 10 2003
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com